Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2476 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2476
Description  Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2476 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2476 Datasheet HTML 3Page - National Semiconductor (TI) LM2476 Datasheet HTML 4Page - National Semiconductor (TI) LM2476 Datasheet HTML 5Page - National Semiconductor (TI) LM2476 Datasheet HTML 6Page - National Semiconductor (TI) LM2476 Datasheet HTML 7Page - National Semiconductor (TI) LM2476 Datasheet HTML 8Page - National Semiconductor (TI) LM2476 Datasheet HTML 9Page - National Semiconductor (TI) LM2476 Datasheet HTML 10Page - National Semiconductor (TI) LM2476 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Hints (Continued)
OPTIMIZING TRANSIENT RESPONSE
Referring to Figure 12, there are three components (R1, R2
and L1) that can be adjusted to optimize the transient re-
sponse of the application circuit. Increasing the values of R1
and R2 will slow the circuit down while decreasing over-
shoot. Increasing the value of L1 will speed up the circuit as
well as increase overshoot. It is very important to use induc-
tors with very high self-resonant frequencies, preferably
above 300 MHz. Ferrite core inductors from J.W. Miller
Magnetics (part # 78FR--k) were used for optimizing the
performance of the device in the NSC application board. The
values shown in Figure 14 can be used as a good starting
point for the evaluation of the LM2476. Using a variable
resistor for R1 will simplify finding the value needed for
optimum performance in a given application. Once the opti-
mum value is determined, the variable resistor can be re-
placed with a fixed value.
EFFECT OF OFFSET
Figure 8 shows the variation in rise and fall times when the
output offset of the device is varied from 50 to 60VDC. The
rise time shows a maximum variation of 13% relative to the
center data point (55 V
DC). The fall time shows a maximum
variation of less than 3% relative to the center data point.
EFFECT OF LOAD CAPACITANCE
Figure 9 shows the effect of increased load capacitance on
the speed of the device. This demonstrates the importance
of knowing the load capacitance in the application.
THERMAL CONSIDERATIONS
Figure 10 shows the performance of the LM2476 in the test
circuit shown in Figure 4 as a function of case temperature
(on the device tab). The figure shows that the rise and fall
times of the LM2476 increase by approximately 10% and
5%, respectively, as the case temperature increases from
50˚C to 100˚C. This corresponds to a speed degradation of
2% and 1%, respectively, for every 10˚C rise in case tem-
perature.
Figure 11 shows the maximum power dissipation of the
LM2476 vs. Frequency when all three channels of the device
are driving an 8 pF load with a 40 V
P-P alternating one pixel
on, one pixel off signal. The graph assumes a 72% active
time (device operating at the specified frequency) which is
typical in a monitor application. The other 28% of the time
the device is assumed to be sitting at the black level (75V in
this case). This graph gives the designer the information
needed to determine the heat sink requirement for his appli-
cation. The designer should note that if the load capacitance
is increased the AC component of the total power dissipation
will also increase.
The LM2476 case temperature must be maintained below
100˚C. If the maximum expected ambient temperature is
70˚C and the maximum power dissipation is about 6W (from
Figure 11, 95 MHz bandwidth), then a maximum heat sink
thermal resistance can be calculated:
PACKAGE MOUNTING CONSIDERATIONS
Mounting of the TO-247 package to a heat sink must be
done such that there is sufficient pressure from the mounting
screws to insure good contact with the heat sink for efficient
heat flow. The surface of the heat sink should be free of
contaminants before mounting to insure good contact. Incor-
rect mounting may lead to both thermal and mechanical
problems. Over tightening the mounting screws will cause
the package to warp, reducing contact area with the heat
sink. Less contact with the heat sink will increase the thermal
resistance from the package case to the heat sink (
θ
CS)
resulting in higher operating die temperatures. Extreme over
tightening of the mounting screws will cause severe physical
stress resulting in a cracked or chipped package and pos-
sible catastrophic IC failure.
The recommended mounting screw size is M3 with a maxi-
mum torque of 50 N-cm. It is best to use fiber washers under
the screws to distribute the force over a wider area. Addi-
tionally, if the mounting screws are used to force the pack-
age into correct alignment with the heat sink, package stress
20121910
FIGURE 12. One Channel of the LM2476 with the Recommended Application Circuit
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com