Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T97 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T97
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97 Datasheet(HTML) 2 Page - Vishay Siliconix

  T97 Datasheet HTML 1Page - Vishay Siliconix T97 Datasheet HTML 2Page - Vishay Siliconix T97 Datasheet HTML 3Page - Vishay Siliconix T97 Datasheet HTML 4Page - Vishay Siliconix T97 Datasheet HTML 5Page - Vishay Siliconix T97 Datasheet HTML 6Page - Vishay Siliconix T97 Datasheet HTML 7Page - Vishay Siliconix T97 Datasheet HTML 8Page - Vishay Siliconix T97 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
T97
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
2
Document Number: 40092
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
V
0.299
[7.6]
0.173 ± 0.016
[4.4 ± 0.4]
0.079
[2.0 max.]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.252
[6.4]
0.004
[0.1]
D
0.299
[7.6]
0.173 ± 0.016
[4.4 ± 0.4]
0.138
[3.5 max.]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.252
[6.4]
0.004
[0.1]
E
0.299
[7.6]
0.173 ± 0.016
[4.4 ± 0.4]
0.157 ± 0.016
[4.0 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.252
[6.4]
0.004
[0.1]
R
0.299
[7.6]
0.238 ± 0.016
[6.0 ± 0.4]
0.142 ± 0.016
[3.6 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.244
[6.2]
0.004
[0.1]
F
0.299
[7.6]
0.238 ± 0.016
[6.0 ± 0.4]
0.185 ± 0.016
[4.7 ± 0.4]
0.055 ± 0.016
[1.4 ± 0.4]
0.181 ± 0.024
[4.6 ± 0.6]
0.244
[6.2]
0.004
[0.1]
Z
0.299
[7.6]
0.238 ± 0.016
[6.0 ± 0.4]
0.236 ± 0.016
[6.0 ± 0.4]
0.055 ± 0.016
[1.4 ± 0.4]
0.181 ± 0.024
[4.6 ± 0.6]
0.244
[6.2]
0.004
[0.1]
M
0.315
[8.0]
0.260 + 0.016 / - 0.024
[6.6 + 0.4 / - 0.6]
0.142 ± 0.016
[3.6 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.197 ± 0.024
[5.0 ± 0.6]
0.260
[6.6]
0.004
[0.1]
H
0.315
[8.0]
0.260 + 0.016 / - 0.024
[6.6 + 0.4 / - 0.6]
0.205 ± 0.016
[5.2 ± 0.4]
0.055 ± 0.016
[1.4 ± 0.4]
0.197 ± 0.024
[5.0 ± 0.6]
0.260
[6.6]
0.004
[0.1]
N
0.315
[8.0]
0.260 + 0.016 / - 0.024
[6.6 + 0.4 / - 0.6]
0.252 ± 0.016
[6.4 ± 0.4]
0.056 ± 0.017
[1.4 ± 0.4]
0.196 ± 0.025
[5.0 ± 0.6]
0.259
[6.6]
0.004
[0.1]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
40 V
50 V
63 V
75 V
10
DR
15
E / R
R
22
RF
33
F
47
RZ / N
68
R
F
100
F
F / H
H
150
F
220
E
R
M
330
V
E
F
H / F
470
V
E
E
H
680
E
E
R
H
1000
E / R
R
F
1500
R
J
H
B
A
D L
Tantalum wire
nib identifies
anode (+) terminal
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com