Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T97 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T97
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97 Datasheet(HTML) 4 Page - Vishay Siliconix

  T97 Datasheet HTML 1Page - Vishay Siliconix T97 Datasheet HTML 2Page - Vishay Siliconix T97 Datasheet HTML 3Page - Vishay Siliconix T97 Datasheet HTML 4Page - Vishay Siliconix T97 Datasheet HTML 5Page - Vishay Siliconix T97 Datasheet HTML 6Page - Vishay Siliconix T97 Datasheet HTML 7Page - Vishay Siliconix T97 Datasheet HTML 8Page - Vishay Siliconix T97 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
T97
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
4
Document Number: 40092
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 VDC AT +85 °C; 33 VDC AT +125 °C
15
E
T97E156(1)050(2)(4)(5)
7.5
6
350
0.9
A, B, S, Z
15
R
T97R156(1)050(2)(4)(5)
7.5
6
250
1.0
A, B, S, Z
22
R
T97R226(1)050(2)(4)(5)
11.0
6
220
1.1
A, B, S, Z
33
F
T97F336(1)050(2)(3)(5)
16.5
6
150
1.3
A, S, Z
47
Z
T97Z476(1)050(2)(6)(5)
23.5
6
240
1.1
S, Z
47
N
T97N476(1)050(2)(4)(5)
23.5
6
150
1.4
A, B, S, Z
63 VDC AT +85 °C; 42 VDC AT +125 °C
10
D
T97D106(1)063(2)(3)(5)
10.0
6
400
0.6
A, S, Z
15
R
T97R156(1)063(2)(3)(5)
9.5
6
400
0.8
A, S, Z
22
F
T97F226(1)063(2)(3)(5)
13.9
6
250
1.0
A, S, Z
75 VDC AT +85 °C; 50 VDC AT +125 °C
10
R
T97R106(1)075(2)(6)(5)
7.5
6
500
0.7
S, Z
TYPICAL CURVES
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX.
RIPPLE
100 kHz
IRMS (A)
AVAILABLE
RELIABILITY
LEVELS
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: A, S, Z
(4) Reliability level: A, B, S, Z
(5) Surge current: A, B, S
(6) Reliability level: S, Z
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
0.01
0.1
1
FREQUENCY
1500 μF - 4 V “R” CASE SIZE ESR and Z vs. FREQUENCY
ESR
Z
0.01
0.1
1
FREQUENCY
ESR
Z
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
330 μF - 10 V “E” CASE SIZE ESR and Z vs. FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com