Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T97 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T97
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97 Datasheet(HTML) 3 Page - Vishay Siliconix

  T97 Datasheet HTML 1Page - Vishay Siliconix T97 Datasheet HTML 2Page - Vishay Siliconix T97 Datasheet HTML 3Page - Vishay Siliconix T97 Datasheet HTML 4Page - Vishay Siliconix T97 Datasheet HTML 5Page - Vishay Siliconix T97 Datasheet HTML 6Page - Vishay Siliconix T97 Datasheet HTML 7Page - Vishay Siliconix T97 Datasheet HTML 8Page - Vishay Siliconix T97 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
T97
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
3
Document Number: 40092
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX.
RIPPLE
100 kHz
IRMS (A)
AVAILABLE
RELIABILITY
LEVELS
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
470
V
T97V477(1)004(2)(4)(5)
18.8
8
60
2.2
A, B, S, Z
680
E
T97E687(1)004(2)(4)(5)
27.2
6
25
2.9
A, B, S, Z
1000
E
T97E108(1)004(2)(4)(5)
40.0
8
20
3.3
A, B, S, Z
1000
R
T97R108(1)004(2)(4)(5)
40.0
8
18
3.7
A, B, S, Z
1500
R
T97R158(1)004(2)(4)(5)
60.0
8
24
2.9
A, B, S, Z
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
330
V
T97V337(1)6R3(2)(4)(5)
20.8
8
56
2.0
A, B, S, Z
470
E
T97E477(1)6R3(2)(4)(5)
29.6
6
30
2.7
A, B, S, Z
680
E
T97E687(1)6R3(2)(4)(5)
42.8
6
25
2.9
A, B, S, Z
1000
R
T97R108(1)6R3(2)(4)(5)
63.0
8
31
2.8
A, B, S, Z
10 VDC AT +85 °C; 7 VDC AT +125 °C
330
E
T97E337(1)010(2)(4)(5)
33.0
6
35
2.5
A, B, S, Z
470
E
T97E477(1)010(2)(4)(5)
47.0
6
28
2.8
A, B, S, Z
680
R
T97R687(1)010(2)(6)(5)
68.0
6
28
3.0
S, Z
1000
F
T97F108(1)010(2)(3)(5)
100.0
20
120
1.4
A, S, Z
16 VDC AT +85 °C; 10 VDC AT +125 °C
220
E
T97E227(1)016(2)(4)(5)
35.2
8
60
2.3
A, B, S, Z
330
F
T97F337(1)016(2)(4)(5)
52.8
10
100
1.6
A, B, S, Z
470
H
T97H477(1)016(2)(4)(5)
75.2
14
100
1.4
A, B, S, Z
680
H
T97H687(1)016(2)(4)(5)
100.0
20
80
1.8
A, B, S, Z
20 VDC AT +85 °C; 13 VDC AT +125 °C
220
R
T97R227(1)020(2)(4)(5)
44.0
8
80
1.8
A, B, S, Z
330
F
T97F337(1)020(2)(6)(5)
66.0
10
100
1.6
S, Z
330
H
T97H337(1)020(2)(4)(5)
66.0
10
100
1.6
A, B, S, Z
25 VDC AT +85 °C; 17 VDC AT +125 °C
68
R
T97R686(1)025(2)(4)(5)
17.0
6
100
1.6
A, B, S, Z
100
F
T97F107(1)025(2)(4)(5)
25.0
8
100
1.6
A, B, S, Z
150
F
T97F157(1)025(2)(4)(5)
37.5
8
80
1.8
A, B, S, Z
220
M
T97M227(1)025(2)(3)(5)
55.0
8
100
1.6
A, S, Z
35 VDC AT +85 °C; 23 VDC AT +125 °C
47
R
T97R476(1)035(2)(4)(5)
16.5
6
100
1.6
A, B, S, Z
68
F
T97F686(1)035(2)(3)(5)
23.8
6
100
1.6
A, S, Z
100
F
T97F107M035(2)(3)(5)
35.0
8
100
1.6
A, S, Z
100
H
T97H107(1)035(2)(3)(5)
35.0
8
100
1.4
A, S, Z
40 VDC AT +85 °C; 26 VDC AT +125 °C
100
H
T97H107M040(2)(6)(5)
40.0
10
150
1.3
S, Z
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: A, S, Z
(4) Reliability level: A, B, S, Z
(5) Surge current: A, B, S
(6) Reliability level: S, Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com