Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609IG Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1609IG
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609IG Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1609IG Datasheet HTML 10Page - Linear Technology LTC1609IG Datasheet HTML 11Page - Linear Technology LTC1609IG Datasheet HTML 12Page - Linear Technology LTC1609IG Datasheet HTML 13Page - Linear Technology LTC1609IG Datasheet HTML 14Page - Linear Technology LTC1609IG Datasheet HTML 15Page - Linear Technology LTC1609IG Datasheet HTML 16Page - Linear Technology LTC1609IG Datasheet HTML 17Page - Linear Technology LTC1609IG Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1609
1609fa
Power Shutdown
When the PWRD pin is tied high, power consumption
drops to a typical value of 50
µW from a specified maxi-
mum of 100mW. In the power shutdown mode, the result
from the previous conversion is still available in the
internal shift register, assuming the data had not been
clocked out before going into power shutdown.
The internal reference buffer and the reference are shut
down, so the power-up recovery time will be dependent
upon how fast the bypass capacitors on these pins can be
charged. If the internal reference is used, the 4k resistor in
series with the output and the external bypass capacitor,
typically 2.2
µF, will be the main time constant for the
power-up recovery time. If an external reference is used,
the reference buffer output will be able to ramp from 0V to
2.5V in 1ms, while charging a typical bypass capacitor of
2.2
µF. The recovery time will be less if the bypass capaci-
tor has not completely discharged.
DIGITAL INTERFACE
Internal Conversion Clock
The ADC has an internal clock that is trimmed to achieve
a typical conversion time of 2.7
µs. No external adjust-
ments are required and, with the typical acquisition time of
1.5
µs, throughput performance of 200ksps is assured.
Timing and Control
Conversion start and data read are controlled by two
digital inputs: CS and R/C. To start a conversion and put
the sample-and-hold into the hold mode bring CS and
R/C low for no less than 40ns. Once initiated it cannot be
restarted until the conversion is complete. Converter
status is indicated by the BUSY output and this is low while
the conversion is in progress.
The conversion result is clocked out serially on the DATA
pin. It can be synchronized by using the internal data clock
or by using an external clock provided by the user. Tying
the EXT/INT pin high puts the LTC1609 in the external
clock mode and the DATACLK pin is a digital input. Tying
the EXT/INT pin low puts the part in the internal clock mode
and the DATACLK pin becomes a digital output.
Internal Clock Mode
With the EXT/INT pin tied low, the LTC1609 provides the
data clock on the DATACLK pin. The timing diagram is
shown in Figure 8. Typically, CS is tied low and the R/C
pin is used to start a conversion. During the conversion
a 16-bit word will be shifted out MSB-first on the DATA
pin. This word represents the result from the previous
conversion. The DATACLK pin outputs 16 clock pulses
used to synchronize the data. The output data is valid on
both the rising and falling edges of the clock. After the
LSB bit has been clocked out, the DATA pin will take on
the state of the TAG pin at the start of the conversion. The
DATACLK pin goes low until the next conversion is
requested. The data clock is derived from the internal
conversion clock. To avoid errors from occurring during
the current conversion, minimize the loading on the
DATACLK pin and the DATA pin. For the best conversion
results the external clock mode is recommended.
APPLICATIO S I FOR ATIO
Figure 8. Serial Data Timing Using Internal Clock (CS, EXT/INT and TAG Tied Low)
t2
t10
t1
t11
t3
B14
B13
B2
B1
B0
1609 F08
B15
(MSB)
BUSY
DATA
DATACLK
R/C
2
3
14
15
16
1
t8
t9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com