Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609IG Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1609IG
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609IG Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1609IG Datasheet HTML 16Page - Linear Technology LTC1609IG Datasheet HTML 17Page - Linear Technology LTC1609IG Datasheet HTML 18Page - Linear Technology LTC1609IG Datasheet HTML 19Page - Linear Technology LTC1609IG Datasheet HTML 20Page - Linear Technology LTC1609IG Datasheet HTML 21Page - Linear Technology LTC1609IG Datasheet HTML 22Page - Linear Technology LTC1609IG Datasheet HTML 23Page - Linear Technology LTC1609IG Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1609
1609fa
©LINEAR TECHNOLOGY CORPORATION 2000
LT/TP 0302 1.5K REV A • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1417
Low Power 400ksps 14-Bit ADC
20mW, Single 5V or
±5V, Serial I/O
LTC1418
Low Power 200ksps 14-Bit ADC
15mW, Single 5V or
±5V, Serial/Parallel I/O
LTC1595/LTC1596
16-Bit Mulitplying DACs
Low Glitch, Serial I/O, SO-8/S16 Packages
LTC1597
16-Bit Mulitplying DAC
4-Quadrant Resistors On-Chip, Low Glitch, Parallel I/O
LTC1604
16-Bit 333ksps Sampling ADC
±2.5V Input, 90dB SINAD, 100dB THD, Parallel I/O
LTC1605
Low Power 100ksps 16-Bit ADC
Single 5V,
±10V Input
LTC1605-1
Low Power 100ksps 16-Bit ADC
Single 5V, 0V to 4V Input
LTC1605-2
Low Power 100ksps 16-Bit ADC
Single 5V,
±4V Input
LTC1606
Low Power 250ksps 16-Bit ADC
Single 5V,
±10V Input, Parallel I/O
LTC1608
16-Bit 500ksps Sampling ADC
±2.5V Input, Pin Compatible with LTC1604
LTC1650
16-Bit
±5V Voltage Output DAC
Low Glitch, 4
µs Settling Time, Serial I/O
LTC1655/LTC1655L
16-Bit Single 5V/3V Voltage Output DACs
SO-8 Package, Micropower, Serial I/O
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
PACKAGE DESCRIPTIO
SW Package
20-Lead Plastic Small Outline (Wide .300 Inch)
(Reference LTC DWG # 05-08-1620)
S20 (WIDE) 1098
NOTE 1
0.496 – 0.512*
(12.598 – 13.005)
20
19
18
17
16
15
14
13
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
11
12
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
BSC
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com