Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609IG Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1609IG
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609IG Datasheet(HTML) 4 Page - Linear Technology

  LTC1609IG Datasheet HTML 1Page - Linear Technology LTC1609IG Datasheet HTML 2Page - Linear Technology LTC1609IG Datasheet HTML 3Page - Linear Technology LTC1609IG Datasheet HTML 4Page - Linear Technology LTC1609IG Datasheet HTML 5Page - Linear Technology LTC1609IG Datasheet HTML 6Page - Linear Technology LTC1609IG Datasheet HTML 7Page - Linear Technology LTC1609IG Datasheet HTML 8Page - Linear Technology LTC1609IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1609
1609fa
LTC1609/LTC1609A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 4.75V
IO = –10µA
4.5
V
IO = – 200µA
q
4.0
V
VOL
Low Level Output Voltage
VDD = 4.75V
IO = 160µA
0.05
V
IO = 1.6mA
q
0.10
0.4
V
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
The q indicates specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
DIGITAL I PUTS A D DIGITAL OUTPUTS
LTC1609/LTC1609A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t1
Convert Pulse Width
(Note 11)
q
40
ns
t2
R/C, CS to BUSY Delay
CL = 25pF
q
80
ns
t3
BUSY Low Time
q
3
µs
t4
BUSY Delay After End of Conversion
100
ns
t5
Aperture Delay
5ns
t6
Conversion Time
q
3
µs
t7
Acquisition Time
q
2
µs
t6 + t7
Throughput Time
q
5
µs
t8
R/C Low to DATACLK Delay
260
ns
t9
DATACLK Period
150
ns
t10
DATA Valid Setup Time
q
15
ns
t11
DATA Valid Hold Time
q
40
ns
t12
External DATACLK Period
q
50
ns
t13
External DATACLK High
q
20
ns
t14
External DATACLK Low
q
20
ns
t15
R/C, CS to External DATACLK Setup Time
q
15
t12
ns
t16
R/C to CS Setup Time
q
10
ns
t17
External DATACLK to SYNC Delay
q
650
ns
t18
External DATACLK to DATA Valid Delay
q
10
50
ns
t19
CS to External DATACLK Rising Edge Delay
q
10
ns
t20
Previous DATA Valid After CS, R/C Low
(Note 9)
q
2.2
µs
t21
BUSY to External DATACLK Setup Time
(Note 9)
q
5ns
t22
BUSY Falling Edge to Final External DATACLK
(Notes 10, 17)
q
1.2
µs
t23
TAG Valid Setup Time
q
0ns
t24
TAG Valid Hold Time
q
15
ns
The q indicates specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
TI I G CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com