Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD6649EBZ Datasheet HTML 1Page - Analog Devices AD6649EBZ Datasheet HTML 2Page - Analog Devices AD6649EBZ Datasheet HTML 3Page - Analog Devices AD6649EBZ Datasheet HTML 4Page - Analog Devices AD6649EBZ Datasheet HTML 5Page - Analog Devices AD6649EBZ Datasheet HTML 6Page - Analog Devices AD6649EBZ Datasheet HTML 7Page - Analog Devices AD6649EBZ Datasheet HTML 8Page - Analog Devices AD6649EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Data Sheet
AD6649
Rev. C | Page 3 of 40
ADC data outputs are internally connected directly to the digital
downconverter (DDC) of the receiver. The digital receiver has
two channels and provides processing flexibility. Each receive
channel has four cascaded signal processing stages: a 32-bit
frequency translator (numerically controlled oscillator (NCO)),
an optional sample rate converter, a fixed FIR filter, and an fS/4
fixed-frequency NCO.
In addition to the receiver DDC, the AD6649 has several
functions that simplify the automatic gain control (AGC)
function in the system receiver. The programmable threshold
detector allows monitoring of the incoming signal power using
the fast detect output bits of the ADC. If the input signal level
exceeds the programmable threshold, the fast detect indicator goes
high. Because this threshold indicator has low latency, the user
can quickly turn down the system gain to avoid an overrange
condition at the ADC input.
After digital processing, data is routed directly to the 14-bit
output port. These outputs operate at ANSI or reduced swing
LVDS signal levels.
The AD6649 receiver digitizes a wide spectrum of IF frequencies.
Each receiver is designed for simultaneous reception of the main
channel and the diversity channel. This IF sampling architecture
greatly reduces component cost and complexity compared with
traditional analog techniques or less integrated digital methods.
In diversity applications, the output data format is real due to
the final NCO, which shifts the output center frequency to fS/4.
Flexible power-down options allow significant power savings,
when desired.
Programming for setup and control is accomplished using a 3-pin
SPI-compatible serial interface.
The AD6649 is available in a 64-lead LFCSP and is specified over
the industrial temperature range of −40°C to +85°C. This
product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1. Integrated dual, 14-bit, 250 MSPS ADCs.
2. Integrated wideband filter and 32-bit complex NCO.
3. Fast overrange and threshold detect.
4. Proprietary differential input maintains excellent SNR
performance for input frequencies of up to 400 MHz.
5. SYNC input allows synchronization of multiple devices.
6. 3-pin, 1.8 V SPI port for register programming and register
readback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com