Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 18Page - Analog Devices AD6649EBZ Datasheet HTML 19Page - Analog Devices AD6649EBZ Datasheet HTML 20Page - Analog Devices AD6649EBZ Datasheet HTML 21Page - Analog Devices AD6649EBZ Datasheet HTML 22Page - Analog Devices AD6649EBZ Datasheet HTML 23Page - Analog Devices AD6649EBZ Datasheet HTML 24Page - Analog Devices AD6649EBZ Datasheet HTML 25Page - Analog Devices AD6649EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Data Sheet
AD6649
Rev. C | Page 21 of 40
DIGITAL OUTPUTS
The AD6649 output drivers can be configured for either ANSI
LVDS or reduced drive LVDS using a 1.8 V DRVDD supply.
As detailed in the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI
control.
Digital Output Enable Function (OEB)
The AD6649 has a flexible three-state ability for the digital
output pins. The three-state mode is enabled using the OEB pin
or through the SPI interface. If the OEB pin is low, the output
data drivers are enabled. If the OEB pin is high, the output data
drivers are placed in a high impedance state. This OEB function
is not intended for rapid access to the data bus. Note that OEB
is referenced to the digital output driver supply (DRVDD) and
should not exceed that supply voltage.
When using the SPI interface, the data and fast detect outputs of
each channel can be independently three-stated by using the output
enable bar bit (Bit 4) in Register 0x14. Because the output data is
interleaved, if only one of the two channels is disabled, the data
of the remaining channel is repeated in both the rising and
falling output clock cycles.
Timing
The AD6649 provides latched data with a pipeline delay of 23 or 43
input sample clock cycles, depending on the mode of operation.
Data outputs are available one propagation delay (tPD) after the
rising edge of the clock signal.
The length of the output data lines and loads placed on them
should be minimized to reduce transients within the AD6649.
These transients can degrade converter dynamic performance.
The lowest typical conversion rate of the AD6649 is 40 MSPS. At
clock rates below 40 MSPS, dynamic performance may degrade.
Data Clock Output (DCO)
The AD6649 also provides data clock output (DCO) intended
for capturing the data in an external register. Figure 2 shows a
graphical timing diagram of the AD6649 output modes.
OVERRANGE (OR)
The overrange indicator is asserted when an overrange is
detected on the input of the AD6649. The overrange condition
is determined at the output of the pipeline ADC and, therefore,
is subject to a latency of 10 ADC clocks. An overrange at the input
is indicated by this bit, 10 clock cycles after it occurs.
Table 10. Output Data Format
Input (V)
VIN+ − VIN−,
Input Span = 1.75 V p-p (V)
Offset Binary Output Mode
Twos Complement Mode (Default)
OR
VIN+ − VIN–
<–0.875
00 0000 0000 0000
10 0000 0000 0000
1
VIN+ − VIN–
–0.875
00 0000 0000 0000
10 0000 0000 0000
0
VIN+ − VIN–
0
10 0000 0000 0000
00 0000 0000 0000
0
VIN+ − VIN–
+0.875
11 1111 1111 1111
01 1111 1111 1111
0
VIN+ − VIN–
>+0.875
11 1111 1111 1111
01 1111 1111 1111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com