Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD6649EBZ Datasheet HTML 1Page - Analog Devices AD6649EBZ Datasheet HTML 2Page - Analog Devices AD6649EBZ Datasheet HTML 3Page - Analog Devices AD6649EBZ Datasheet HTML 4Page - Analog Devices AD6649EBZ Datasheet HTML 5Page - Analog Devices AD6649EBZ Datasheet HTML 6Page - Analog Devices AD6649EBZ Datasheet HTML 7Page - Analog Devices AD6649EBZ Datasheet HTML 8Page - Analog Devices AD6649EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AD6649
Data Sheet
Rev. C | Page 4 of 40
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input,1 1.75 V p-p full-scale input range,
duty cycle stabilizer (DCS) enabled, NCO enabled, FIR filter enabled, unless otherwise noted.
Table 1.
Parameter
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±10
mV
Gain Error
Full
−5.5
+2.5
%FSR
MATCHING CHARACTERISTIC
Offset Error
Full
±13
mV
Gain Error
Full
±2.5
%FSR
TEMPERATURE DRIFT
Offset Error
Full
±5
ppm/°C
Gain Error
Full
±100
ppm/°C
INPUT REFERRED NOISE
VREF = 1.75 V
25°C
1.32
LSB rms
ANALOG INPUT
Input Span
Full
1.75
V p-p
Input Capacitance2
Full
2.5
pF
Input Resistance3
Full
20
kΩ
Input Common-Mode Voltage
Full
0.9
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
Supply Current
IAVDD4
Full
271
275
mA
IDRVDD4 (Fixed-Frequency NCO, 95 MHz FIR Filter)
Full
283
300
mA
IDRVDD4 (Tunable-Frequency NCO, 100 MHz FIR Filter)
Full
375
mA
POWER CONSUMPTION
Sine Wave Input (Fixed-Frequency NCO, 95 MHz FIR Filter)
Full
997
1035
mW
Sine Wave Input (Tunable-Frequency NCO, 100 MHz FIR Filter)
Full
1163
mW
Standby Power5
Full
104
mW
Power-Down Power
Full
10
mW
1
A −1.0 dBFS input level at the analog inputs corresponds to an output level of −2.5 dBFS when using the fixed-frequency NCO and 95 MHz FIR filter. When using the
tunable-frequency NCO and 100 MHz FIR filter, the output level is −1.3 dBFS. These respective output level reductions are due to FIR filter losses. See the FIR Filters
section for more details.
2
Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3
Input resistance refers to the effective resistance between one differential input pin and its complement.
4
Measured with a 185 MHz, full-scale sine wave input on both channels and an NCO frequency of 62.5 MHz (fS/4).
5
Standby power is measured with a dc input and the CLK pin inactive (set to AVDD or AGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com