Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6674 Datasheet(PDF) 63 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD6674 Datasheet HTML 59Page - Analog Devices AD6674 Datasheet HTML 60Page - Analog Devices AD6674 Datasheet HTML 61Page - Analog Devices AD6674 Datasheet HTML 62Page - Analog Devices AD6674 Datasheet HTML 63Page - Analog Devices AD6674 Datasheet HTML 64Page - Analog Devices AD6674 Datasheet HTML 65Page - Analog Devices AD6674 Datasheet HTML 66Page - Analog Devices AD6674 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 62 of 96
Table 30. VDR Tuning Words and Absolute Frequency
Values, 25% BW, Complex Mode (fS = 737.28 MSPS)
Tuning
Word
Lower
Band Edge
(MHz)
Center
Frequency
(MHz)
Upper Band
Edge (MHz)
0 (0x00)
−92.16
0.00
92.16
1 (0x01)
−46.08
46.08
138.24
2 (0x02)
0.00
92.16
184.32
3 (0x03)
46.08
138.24
230.40
4 (0x04)
92.16
184.32
276.48
5 (0x05)
138.24
230.40
322.56
6 (0x06)
184.32
276.48
368.64
7 (0x07)
230.40
322.56
414.72
8 (0x08)
276.48
368.64
460.80
9 (0x09)
322.56
414.72
506.88
10 (0x0A)
368.64
460.80
552.96
11 (0x0B)
414.72
506.88
599.04
12 (0x0C)
460.80
552.96
645.12
13 (0x0D)
506.88
599.04
691.20
14 (0x0E)
552.96
645.12
737.28
15 (0x0F)
599.04
691.20
783.36
Table 31 and Table 32 show the tuning words and frequency
values for the 43% complex mode. Table 31 shows the relative
frequency values, and Table 32 shows the absolute frequency
values based on a sample rate of 737.28 MSPS. Figure 122 shows
the frequency zones for the 43% BW VDR mode with a center
frequency (fVDR) of fS/4 (tuning word = 0x04). The frequency
zones where the amplitude may not exceed –30 dBFS are the
upper and lower portions of the Nyquist band extending into
the complex domain.
dBFS
1/29
fS
1/4
fS
20/43
fS
1/2
fS
–1/2
fS
0
Figure 122. 43% VDR Bandwidth, Complex Mode
Table 31. VDR Tuning Words and Relative Frequency
Values, 43% BW, Complex Mode
Tuning Word
Lower Band
Edge (MHz)
Center
Frequency
(MHz)
Upper Band
Edge (MHz)
0 (0x00)
–14/65 fS
0
14/65 fS
1 (0x01)
–11/72 fS
1/16 fS
5/18 fS
2 (0x02)
–1/11 fS
1/8 fS
16/47 fS
3 (0x03)
–1/36 fS
3/16 fS
29/72 fS
4 (0x04)
1/29 fS
1/4 fS
20/43 fS
5 (0x05)
7/72 fS
5/16 fS
19/36 fS
6 (0x06)
4/25 fS
3/8 fS
49/83 fS
7 (0x07)
2/9 fS
7/16 fS
47/72 fS
8 (0x08)
2/7 fS
1/2 fS
5/7 fS
9 (0x09)
25/72 fS
9/16 fS
7/9 fS
10 (0x0A)
34/83 fS
5/8 fS
21/25 fS
11 (0x0B)
17/36 fS
11/16 fS
65/72 fS
12 (0x0C)
23/43 fS
3/4 fS
28/29 fS
13 (0x0D)
43/72 fS
13/16 fS
37/36 fS
14 (0x0E)
31/47 fS
7/8 fS
12/11 fS
15 (0x0F)
13/18 fS
15/16 fS
83/72 fS
Table 32. VDR Tuning Words and Absolute Frequency
Values, 43% BW, Complex Mode (fS = 737.28 MSPS)
Tuning Word
Lower Band
Edge (MHz)
Center
Frequency
(MHz)
Upper Band
Edge (MHz)
0 (0x00)
−158.80
0.00
158.80
1 (0x01)
−112.64
46.08
204.80
2 (0x02)
−67.03
92.16
250.99
3 (0x03)
−20.48
138.24
296.96
4 (0x04)
25.42
184.32
342.92
5 (0x05)
71.68
230.40
389.12
6 (0x06)
117.96
276.48
435.26
7 (0x07)
163.84
322.56
481.28
8 (0x08)
210.65
368.64
526.63
9 (0x09)
256.00
414.72
573.44
10 (0x0A)
302.02
460.80
619.32
11 (0x0B)
348.16
506.88
665.60
12 (0x0C)
394.36
552.96
711.86
13 (0x0D)
440.32
599.04
757.76
14 (0x0E)
486.29
645.12
804.31
15 (0x0F)
532.48
691.20
849.92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com