Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6674 Datasheet(PDF) 66 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD6674 Datasheet HTML 62Page - Analog Devices AD6674 Datasheet HTML 63Page - Analog Devices AD6674 Datasheet HTML 64Page - Analog Devices AD6674 Datasheet HTML 65Page - Analog Devices AD6674 Datasheet HTML 66Page - Analog Devices AD6674 Datasheet HTML 67Page - Analog Devices AD6674 Datasheet HTML 68Page - Analog Devices AD6674 Datasheet HTML 69Page - Analog Devices AD6674 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 97 page
background image
Data Sheet
AD6674
Rev. C | Page 65 of 96
Code Group Synchronization (CGS) and SYNCINB±
Code group synchronization (CGS) is the process by which the
JESD204B receiver finds the boundaries between the 10-bit
symbols in the stream of data. During the CGS phase, the
JESD204B transmit block transmits /K28.5/ characters. The
receiver must locate /K28.5/ characters in its input data stream
using clock and data recovery (CDR) techniques.
The receiver issues a synchronization request by asserting the
SYNCINB± pin of the AD6674 low. The JESD204B Tx begins
sending /K/ characters. After the receiver has synchronized, it
waits for the correct reception of at least four consecutive /K/
symbols. It then deasserts SYNCINB±. The AD6674 then
transmits an ILAS on the following LMFC boundary.
For more information on the CGS phase, refer to the JEDEC
Standard No. 204B (July 2011), Section 5.3.3.1.
The SYNCINB± pin operation can also be controlled by the
SPI. The SYNCINB± signal is a differential LVDS mode signal
by default, but it can also be driven single-ended. For more
information on configuring the SYNCINB± pin operation, refer
to Register 0x572. The SYNCINB± pin can also be configured
to run in CMOS (single-ended) mode by setting Bit 4 in
Register 0x572. When running SYNCINB± in CMOS mode,
connect the CMOS SYNCINB signal to Pin 21 (SYNCINB+)
and leave Pin 20 (SYNCINB–) floating.
Initial Lane Alignment Sequence (ILAS)
The ILAS phase follows the CGS phase and begins on the next
LMFC boundary. The ILAS consists of four multiframes, with
an /R/ character marking the beginning and an /A/ character
marking the end. The ILAS begins by sending an /R/ character
followed by 0 to 255 ramp data for one multiframe. On the
second multiframe the link configuration data is sent, starting
with the third character. The second character is a /Q/ character
to confirm that the link configuration data follows. All undefined
data slots are filled with ramp data. The ILAS sequence is never
scrambled.
The ILAS sequence construction is shown in Figure 126. The
four multiframes include the following:
Multiframe 1: Begins with an /R/ character [K28.0] and
ends with an /A/ character (K28.3).
Multiframe 2: Begins with an /R/ character followed by a
/Q/ (K28.4) character, followed by link configuration
parameters over 14 configuration octets (see Table 33), and
ends with an /A/ character. Many of the parameter values
are of the value − 1 notation.
Multiframe 3: Begins with an /R/ character (K28.0) and
ends with an /A/ character (K28.3).
Multiframe 4: Begins with an /R/ character (K28.0) and
ends with an /A/ character (K28.3).
User Data and Error Detection
After the ILAS is complete, the user data is sent. Normally, in a
frame all characters are user data. However, to monitor the frame
clock and multiframe clock synchronization, there is a mechanism
for replacing characters with /F/ or /A/ alignment characters
when the data meets certain conditions. These conditions are
different for unscrambled and scrambled data. The scrambling
operation is enabled by default but can be disabled using the SPI.
For scrambled data, any 0xFC character at the end of a frame is
replaced by an /F/ and any 0x7C character at the end of a
multiframe is replaced with an /A/. The JESD204B Rx checks
for /F/ and /A/ characters in the received data stream and verifies
that they only occur in the expected locations. If an unexpected
/F/ or /A/ character is found, the receiver handles the situation
by using dynamic realignment or asserting the SYNCINB±
signal for more than four frames to initiate a resynchronization.
For unscrambled data, if the final character of two subsequent
frames is equal, the second character is replaced with an /F/ if it
is at the end of a frame, and an /A/ if it is at the end of a multiframe.
Insertion of alignment characters can be modified using the SPI.
The frame alignment character insertion is enabled by default. For
more information on the link controls, see Register 0x571 in the
Memory Map section.
K K R D
D A R Q C
C D
D A R D
D A R D
D A D
START OF
ILAS
START OF LINK
CONFIGURATION DATA
END OF
MULTIFRAME
START OF
USER DATA
Figure 126. Initial Lane Alignment Sequence
Table 33. AD6674 Control Characters Used in JESD204B
Abbreviation
Control Symbol
8-Bit Value
10-Bit Value, RD1 = −1
10-Bit Value, RD1 = +1
Description
/R/
K28.0
000 11100
001111 0100
110000 1011
Start of multiframe
/A/
K28.3
011 11100
001111 0011
110000 1100
Lane alignment
/Q/
K28.4
100 11100
001111 0010
110000 1101
Start of link configuration data
/K/
K28.5
101 11100
001111 1010
110000 0101
Group synchronization
/F/
K28.7
111 11100
001111 1000
110000 0111
Frame alignment
1 RD is running disparity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com