Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6674 Datasheet(PDF) 89 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD6674 Datasheet HTML 85Page - Analog Devices AD6674 Datasheet HTML 86Page - Analog Devices AD6674 Datasheet HTML 87Page - Analog Devices AD6674 Datasheet HTML 88Page - Analog Devices AD6674 Datasheet HTML 89Page - Analog Devices AD6674 Datasheet HTML 90Page - Analog Devices AD6674 Datasheet HTML 91Page - Analog Devices AD6674 Datasheet HTML 92Page - Analog Devices AD6674 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 97 page
background image
AD6674
Data Sheet
Rev. C | Page 88 of 96
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x371
DDC 3
input
selection
0
0
0
0
0
Q input
select
0 = Ch. A
1 = Ch. B
0
I input
select
0 = Ch. A
1 = Ch. B
0x05
0x374
DDC 3
frequency
LSB
DDC3 NCO FTW[7:0] twos complement
0x00
0x375
DDC 3
frequency
MSB
X
X
X
X
DDC3 NCO FTW[11:8] twos complement
0x00
0x380
DDC 3
phase LSB
DDC3 NCO POW[7:0] twos complement
0x00
0x381
DDC 3
phase MSB
X
X
X
X
DDC3 NCO POW[11:8] twos complement
0x00
0x387
DDC 3
output test
mode
selection
0
0
0
0
0
0
0
I output
test mode
enable
0 =
disabled
1 =
enabled
from Ch. A
0x00
NSR Decimate by 2 and Noise Shaping Requantizer (NSR)
0x41E
NSR
decimate
by 2
High-
pass/
low-pass
mode:
0 =
enable
LPF
1 =
enable
HPF
X
0
0
X
X
X
NSR
decimate
by 2
enable
0 =
disabled
1 =
enabled
0x01;
0x00
for
AD6674
-500
Bit 0 is
ignored
on
AD6674
-750
and
AD6674
-1000
when in
NSR
mode
0x420
NSR mode
X
X
X
X
NSR mode
000 = 21% BW mode
001 = 28% BW mode
X
0x00
0x422
NSR tuning
X
X
NSR tuning word; see the Noise Shaping Requantizer (NSR) section; equations
for the tuning word are dependent on the NSR mode
0x00
Variable Dynamic Range (VDR)
0x430
VDR control
X
X
X
0
X
X
VDR BW
mode
0 = 25%
BW
mode
1 = 43%
BW
mode
(only
available
for dual
complex
mode)
0 = dual
real mode
1 = dual
complex
mode
(Channel A
= I,
Channel B
= Q)
0x01
0x434
VDR tuning
X
X
X
X
VDR center frequency; see the Variable Dynamic
Range (VDR) section for more details on the center
frequency, which is dependent on the VDR mode
0x00
Digital Outputs and Test Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com