Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993-EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9993-EBZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 35Page - Analog Devices AD9993-EBZ Datasheet HTML 36Page - Analog Devices AD9993-EBZ Datasheet HTML 37Page - Analog Devices AD9993-EBZ Datasheet HTML 38Page - Analog Devices AD9993-EBZ Datasheet HTML 39Page - Analog Devices AD9993-EBZ Datasheet HTML 40Page - Analog Devices AD9993-EBZ Datasheet HTML 41Page - Analog Devices AD9993-EBZ Datasheet HTML 42Page - Analog Devices AD9993-EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 38 of 56
LOOP FILTER CONTROL SIGNALS REGISTER
Address: 0x02F, Reset: 0xF7, Name: LF_CTRL2
Table 28. Bit Descriptions for LF_CTRL2
Bits
Bit Name
Description
Reset
Access
[7:6]
LF_R3
Loop filter coefficient.
0x3
RW
00 = 4.63 kΩ.
01 = 2.315 kΩ.
10 = 1.543 kΩ.
11 = 1.157 kΩ
[5:4]
LF_R1
Loop filter coefficient.
0x3
RW
00 = 12.04 kΩ.
01 = 6.02 kΩ.
10 = 4.01 kΩ.
11 = 3.01 kΩ.
[2:0]
LF_C3
Loop filter coefficient.
0x7
RW
000 = 0.6325 pF.
001 = 1.265 pF.
010 = 1.8975 pF.
011 = 2.530 pF.
100 = 3.1625 pF.
101 = 3.795 pF.
110 = 4.4275 pF.
111 = 5.06 pF.
LOOP FILTER CONTROL SIGNALS REGISTER
Address: 0x030, Reset: 0x00, Name: LF_CTRL3
Table 29. Bit Descriptions for LF_CTRL3
Bits
Bit Name
Description
Reset
Access
1
EXT_CP_SEL
Short external CP pin to charge pump output.
0x0
RW
0
BYP_R3
Bypass R3 in loop filter.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com