Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993-EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9993-EBZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 18Page - Analog Devices AD9993-EBZ Datasheet HTML 19Page - Analog Devices AD9993-EBZ Datasheet HTML 20Page - Analog Devices AD9993-EBZ Datasheet HTML 21Page - Analog Devices AD9993-EBZ Datasheet HTML 22Page - Analog Devices AD9993-EBZ Datasheet HTML 23Page - Analog Devices AD9993-EBZ Datasheet HTML 24Page - Analog Devices AD9993-EBZ Datasheet HTML 25Page - Analog Devices AD9993-EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Data Sheet
AD9993
Rev. A | Page 21 of 56
Figure 26. MxFE Clock Control
SELECTING CLOCKING OPTIONS
Figure 26 is a block diagram of the MxFE clocking system and
its controls. Options of using either an external master clock or
a master clock generated from the on-chip PLL are provided.
CLKGEN_MODE[1:0] in the CLKGEN_CTRL2 register selects
the PLL multiplier or CLKP/CLKN as the master clock source.
ADC DATAPATH AND DAC DATAPATH FIFOS
In the AD9993, data FIFOs are placed between the ADC core
outputs and the LVDS buffers and drivers. Similarly, on the
DAC side, data FIFOs are placed between the LVDS input
buffers and the DAC cores. These FIFOs absorb the phase
difference between DCI and the DAC sampling clock and
between the ADC sampling clock and DCO. DAC sampling
clock and DCI are locked in frequency but have an unknown
phase relationship. The ADC sampling clock and DCO have the
same characteristics.
FIFOs are eight samples deep. During a start-up register
sequence, both the DAC input datapath FIFOs and the ADC
output data path FIFOs have their read and write pointers
initialized (see the Start-Up Register Sequences section). This
occurs after all clocks in the AD9993 are running and settled.
The pointers are set four data samples apart. The ADC datapath
FIFO depth can be read in the RXFIFO_WR_OFFSET bit field
in the align register. The DAC datapath FIFO depth can be read
as the RXFIFO_THERM[7:0] value in the DAC_FIFO_STS1
register. This value is a thermometer code. FIFO depths remain
constant after initialization when all clocks are running
properly.
LVDS INTERFACES
Each DAC has seven DDR LVDS input data lanes. Each DAC
sample input requires the user to input two 7-bit words to the
interface with appropriate zero stuffing. Each ADC has four
DDR LVDS output data lanes. For each ADC output sample,
four 4-bit words are output.
LVDS ADC Data Link
There are two LVDS ADC buses for the two ADCs. Each LVDS
ADC Data bus has four lanes for 14-bit data output in two full
DDR cycles. A strobe lane is shared by the four ADC LVDS
links to identify the MSB of the 14-bit data. Figure 27 shows one
LVDS ADC output data link with four lanes. Lane 0 to Lane 2
output the 12 MSBs of the 14-bit ADC data. Lane 3 carries the
two LSBs of the 14-bit ADC data and an overrange bit.
LVDS DAC Data Link
There are two LVDS DAC data links for the dual DAC. Each
LVDS DAC data link has seven lanes capable of transmitting
14-bit data in one DDR full cycle. Figure 28 shows one LVDS
DAC input data link with seven lanes.
REFCLK = 31.25MHz
OR
62.5MHz
CLKP
CLKN
MASTER
CLOCK INPUT
TO DAC,
ADC, AND
LVDS
÷2
Reg 0x033[5]
CLKGEN_REFCLK_DIV1
0
1
DIFF
REG 0x034[1:0]
CLKGEN_MODE
Reg 0x031[7:0]
SYNTH_INT
8kΩ
8kΩ
1.8V
Reg 0x034[1:0]
CLKGEN_MODE
00 = INTERNAL 1GHz CLOCK
11 = EXTERNAL CLOCK (200MHz TO 1GHz)
200MHz TO
1000MHz
Reg 0x031[7:0]
PLL Input Freq | SYNTH_INT
31.25MHz | 0x80
62.5MHz | 0x40
100Ω
0
1
15kΩ
15kΩ
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com