Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993-EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9993-EBZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9993-EBZ Datasheet HTML 1Page - Analog Devices AD9993-EBZ Datasheet HTML 2Page - Analog Devices AD9993-EBZ Datasheet HTML 3Page - Analog Devices AD9993-EBZ Datasheet HTML 4Page - Analog Devices AD9993-EBZ Datasheet HTML 5Page - Analog Devices AD9993-EBZ Datasheet HTML 6Page - Analog Devices AD9993-EBZ Datasheet HTML 7Page - Analog Devices AD9993-EBZ Datasheet HTML 8Page - Analog Devices AD9993-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 4 of 56
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD = AVDD = 1.8 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Tx DAC RESOLUTION
14
Bits
Tx DAC OUTPUT CHARACTERISTICS
Offset Error
±0.5
% FSR
Gain Error
±2.0
% FSR
Full-Scale Output Current (IOUTFS)
20.0
mA
Output Compliance Voltage Range
CML_A, CML_B connected to AVSS, setting of
DAC_VCM_VREF_BIT[2:0] following reset
−0.5
+0.5
V
Output Compliance Voltage Range
CML_A, CML_B connected to a bypass capacitor,
DAC_VCM_VREF_BIT[2:0] set to 010
0.0
1.0
V
Output Resistance
10
MΩ
Tx DAC TEMPERATURE DRIFT
Gain
Gain using on-chip VREF_DAC
±85
ppm/°C
Reference Voltage (VREF_DAC)
On-chip VREF_DAC
±215
ppm/°C
REFERENCE (VREF_DAC)
Internal Reference Voltage
0.95
1.0
1.05
V
Rx ADC RESOLUTION
14
Bits
Rx ADC CHARACTERISTICS
Gain Error
±1.0
% FSR
Peak-to-Peak Differential Input Voltage
Range
Setting of VREF_FS_ADJ[4:0] at reset
1.75
V p-p
Input Capacitance
2.5
pF
Rx ADC FULL-SCALE VREF ADJUSTMENT
1.383
1.75
2.087
V
COMMON-MODE VOLTAGE REFERENCE
(A_CML, B_CML, C_CML, D_CML)
ADC Common-Mode Voltage Output
ADC inputs are not self biased
0.84
0.9
0.96
V
ANALOG SUPPLY VOLTAGES
AVDD33
3.14
3.3
3.47
V
AVDD
1.71
1.8
1.89
V
DIGITAL SUPPLY VOLTAGES
DVDD
1.62
1.8
1.98
V
POWER CONSUMPTION
Single Tone Input, Single Tone Output
1536
mW
AVDD33
55
mA
AVDD
65
mA
DVDD
210
mA
Power-Down Mode
10.0
mA
OPERATING RANGE
−40
+25
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com