Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768GEDS/R Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8768GEDS/R
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768GEDS/R Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8768GEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Production Data
WM8768
w
PD Rev 4.1 March 2005
23
SOFTMUTE
The digital muting function used in Software and Hardware mode applies a softmute with the
operating characteristics shown in Figure 19.
Figure 19 Soft Mute Operation
When the softmute is applied the output of the device will decay towards VMID with a time constant of
approximately 64 input samples. When the mute is released, either manually or automatically by the
chip, the output will restart immediately from the current input sample.
ANALOGUE MUTE
Analogue mute can only be used in software mode and will cause the output of the selected DAC to
perform an analogue mute that clamps the output of the DAC to VMID. This function is dependent in
the IZD bit which is described in section INFINITE ZERO DETECT, later.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com