Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768GEDS/R Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8768GEDS/R
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768GEDS/R Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8768GEDS/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
w
WM8768
24-bit, 192kHz 8-Channel DAC
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Production Data, March 2005, Rev 4.1
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8768 is a multi-channel audio DAC ideal for DVD
and surround sound processing applications for home hi-fi,
automotive and other audio visual equipment.
Four stereo 24-bit multi-bit sigma delta DACs are used with
oversampling digital interpolation filters. Digital audio input
word lengths from 16-32 bits and sampling rates from 8kHz
to
192kHz
are
supported.
Each
DAC
channel
has
independent digital volume and mute control.
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats.
The device is controlled either via a 3 wire serial interface or
directly using the hardware interface. These interfaces
provide access to features including channel selection,
volume
controls,
mutes,
de-emphasis
and
power
management facilities. The device is available in a 28-pin
SSOP.
FEATURES
•
8-Channel DAC with PCM.
•
Audio Performance
−
103dB SNR (‘A’ weighted @ 48kHz) DAC
•
DAC Sampling Frequency: 8kHz – 192kHz
•
3-Wire SPI Serial or Hardware Control Interface
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Four Independent stereo DAC outputs with independent
digital volume controls
•
Master or Slave Audio Data Interface
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
•
28 pin SSOP Package
APPLICATIONS
•
DVD Players
•
Surround Sound AV Processors and Hi-Fi systems
•
Automotive Audio
BLOCK DIAGRAM
VOUT1L
VOUT1R
VOUT2L
VOUT2R
VOUT3L
VOUT3R
DIGITAL AUDIO
INTERFACE
&
DIGITAL FILTERS
VREFP
STEREO
DAC
STEREO
DAC
CONTROL INTERFACE
WM8768
LOW
PASS
FILTER
LOW
PASS
FILTER
LOW
PASS
FILTER
STEREO
DAC
VREFN
W
BCLK
LRCLK
DIN3
DIN2
DIN1
MCLK
DIN4
VOUT4L
VOUT4R
STEREO
DAC
LOW
PASS
FILTER


Similar Part No. - WM8768GEDS/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8768GEDS/RV WOLFSON-WM8768GEDS/RV Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
More results

Similar Description - WM8768GEDS/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
24-bit, 192kHz 6-Channel DAC
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
3.3V 192kHz 24-Bit 6-Channel DAC
AK4348 AKM-AK4348 Datasheet
377Kb / 31P
3.3V 192kHz 24-Bit 8-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
24-bit, 192kHz 6-Channel DAC
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com