Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768GEDS/R Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8768GEDS/R
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768GEDS/R Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8768GEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8768GEDS/R Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.1 March 2005
30
MASTER MODE SELECT
Control bit MS selects between audio interface Master and Slave Modes. In Master mode LRCLK
and BCLK are outputs and are generated by the WM8768. In Slave mode LRCLK and BCLK are
inputs to WM8768.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001010
Interface Control
5
MS
0
Audio Interface Master/Slave Mode
select:
0: Slave Mode
1: Master Mode
MASTER MODE LRCLK FREQUENCY SELECT
In Master mode the WM8768 generates LRC and BCLK. These clocks are derived from the master
clock and the ratio of MCLK to LRCK is set by RATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001010
Interface Control
8:6
RATE[2:0]
010
Master Mode MCLK: LRCLK ratio
select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
101: 768fs
MUTE PIN DECODE
The MUTE pin can either be used as an output or an input. When used as an input the MUTE pins
action can be controlled by setting the DZFM and DZFM4 bit to select the corresponding DAC for
applying the MUTE to. As an output its meaning is selected by the DZFM and DZFM4 control bits. By
default selecting the MUTE pin to represent if DAC1 has received more than 1024 midrail samples
will cause the MUTE pin to assert a softmute on DAC1. Disabling the decode block will cause any
logical high on the MUTE pin to apply a softmute to all DAC’s. For compatibility with the WM8772
register the MUTE pin decode bit is also found in the ADC control register, which is redundant on this
chip. The OR of these two register bit is taken internally.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
ADC Control
6
MPD
0
MUTE pin decode disable:
0: MUTE pin decode enable
1: MUTE pin decode disable
0001111
DAC4 control
5
MPD
0
MUTE pin decode disable:
0: MUTE pin decode enable
1: MUTE pin decode disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com