Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6CUIDUI-05053R3ZLF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P6CUIDUI-05053R3ZLF
Description  Low Ripple and Noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6CUIDUI-05053R3ZLF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P6CUIDUI-05053R3ZLF Datasheet HTML 1Page - PEAK electronics GmbH P6CUIDUI-05053R3ZLF Datasheet HTML 2Page - PEAK electronics GmbH P6CUIDUI-05053R3ZLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THE WORLD OF DC/DC-CONVERTERS
PM1-Series
– P6CUI / P6DUI –Dual Separate Output – SIP7 - Plastic Case
Specification can change without a notice - We accept no liability for any inaccuracy or printing errors.
Page 1/3
P6CUI-xxxxZ(H30)LF (SIP7)
P6DUI
–xxxxZ(H30)LF (DIP14)
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
The PM1 series is a family of cost effective 0.5
– 1W single/dual output
DC/DC converters. They are encapsulated in an ultra miniature SIP7
(PxCU/L
U…) or DIP14 (PxDU/MU…) case. High performance features:
1000-6000Vdc input/output isolation, high efficiency operation, output
voltage accuracy of ±3% maximum, input range of ±10% and low output
ripple and noise.
Input Specifications
Voltage Range
±10%
Current max.
50 – 266mA (See table)
Current No-Load
8 – 25mA (See table)
Filter
Capacitors
Reflected Ripple Current (@12uH)
20mA pk-pk
Output Specifications
Voltage accuracy
±3%
Line regulation (per 1% Vin change)
±1.2%
Load regulation ( 20% to 100% )
±10%,max.
(for 3.3Vout)
±20%,max.
Ripple & noise (20 MHz bandwidth)
75 mV pk-pk
Temperature coefficient
±0.02%/°C
Capacitor load (Test: min. Vin + const. load)
100uF
General Specifications
Efficiency
57% - 82% (See table)
Isolation I/O (60 sec)
1000VDC (P6CUI/DUI-xxxxELF)
3000VDC (P6CUI/DUI-xxxxEH30LF)
Isolation I/O Capacitance
60 pF
Isolation I/O Resistance
1000 MΩ
Switching Frequency
80 kHz (variable) .)
Humidity (rel.)
95%
MTBF (Calculated MIL-HDBK-217F)
>1.121 Mhrs
Safety Standard (designed to meet)
IEC 60950-1
Environment / Physical Specifications
Operation Temp. (Derating)
-40°C to 85°C
Case max.
100°C
Storage
-40°C to 125°C
Cooling
Nature / Free Air
Case Material
Plastic (UL94V-0 rated)
Potting
Epoxy (UL94V-0 rated)
Pin Material
Alloy42 (Solder coated)
Weight
2.3 g (SIP7)
2.6 g (DIP14)
Rev. 07-2015
PM1-SERIES
 1 Watt
 Unregulated
 Dual Separate Output
 SIP7 or DIP14 Case
 1-3 kV DC I/O Isolation
 Low Ripple and Noise
www.peak-electronics.de
Tel. +49 ( 0 ) 6135 7026-0
peak@peak-electronics.de


Similar Part No. - P6CUIDUI-05053R3ZLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6CUI-050505Z PEAK-P6CUI-050505Z Datasheet
226Kb / 2P
1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT SIP7
P6CUI-050505ZLF PEAK-P6CUI-050505ZLF Datasheet
141Kb / 3P
PM1-SERIES
P6CUI-050509ZLF PEAK-P6CUI-050509ZLF Datasheet
141Kb / 3P
PM1-SERIES
P6CUI-050512ZLF PEAK-P6CUI-050512ZLF Datasheet
141Kb / 3P
PM1-SERIES
P6CUI-050515Z PEAK-P6CUI-050515Z Datasheet
226Kb / 2P
1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT SIP7
More results

Similar Description - P6CUIDUI-05053R3ZLF

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-RAC SPI-FSP065-RAC Datasheet
52Kb / 1P
Low noise and ripple
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
Low noise and ripple
logo
Minmax Technology Co., ...
M78A MINMAX-M78A Datasheet
952Kb / 3P
Low Ripple and Noise
logo
Astec America, Inc
AEO ASTEC-AEO Datasheet
1Mb / 4P
Low Ripple and Noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
Low ripple and noise
logo
Artesyn Technologies
AV050 ARTESYN-AV050 Datasheet
1,003Kb / 3P
Low ripple and noise
AVE350B ARTESYN-AVE350B Datasheet
1Mb / 3P
Low ripple and noise
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
Low ripple and noise
AVO100 ARTESYN-AVO100 Datasheet
548Kb / 3P
Low ripple and noise
logo
PEAK electronics GmbH
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
Low Ripple and Noise
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com