Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6CUIDUI-05053R3ZLF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P6CUIDUI-05053R3ZLF
Description  Low Ripple and Noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6CUIDUI-05053R3ZLF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6CUIDUI-05053R3ZLF Datasheet HTML 1Page - PEAK electronics GmbH P6CUIDUI-05053R3ZLF Datasheet HTML 2Page - PEAK electronics GmbH P6CUIDUI-05053R3ZLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
THE WORLD OF DC/DC-CONVERTERS
PM1-Series
– P6CUI / P6DUI –Dual Separate Output – SIP7 - Plastic Case
Specification can change without a notice - We accept no liability for any inaccuracy or printing errors.
Page 2/3
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (mA
)
Inpu
t Cu
rren
t Full
Loa
d (mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Full
Loa
d (mA
)
Effic
ienc
y (%
)
DUAL SEPARATE OUTPUT
P6CUI/DUI-05053R3ZLF
5
25
259
5, 3.3
100, 152
77
P6CUI/DUI-05057R2ZLF
5
25
266
5, 7.2
100, 69
75
P6CUI/DUI-050509ZLF
5
25
259
5, 9
100, 56
77
P6CUI/DUI-050512ZLF
5
25
259
5, 12
100, 42
77
P6CUI/DUI-050515ZLF
5
25
256
5, 15
100, 33
78
P6CUI/DUI-057R218ZLF
5
24
251
7.2, 18
100, 10
74
P6CUI/DUI-12053R3ZLF
12
15
106
5, 3.3
100, 152
78
P6CUI/DUI-12057R2ZLF
12
15
111
5, 7.2
100, 69
75
P6CUI/DUI-120509ZLF
12
15
108
5, 9
100, 56
77
P6CUI/DUI-120512ZLF
12
15
92
5, 12
100, 42
80
P6CUI/DUI-120515ZLF
12
15
106
5, 15
100, 33
78
P6CUI/DUI-24053R3ZLF
24
8
55
5, 3.3
100, 152
75
P6CUI/DUI-24057R2ZLF
24
8
55
5, 7.2
100, 69
75
P6CUI/DUI-240509ZLF
24
8
54
5, 9
100, 56
77
P6CUI/DUI-240512ZLF
24
8
53
5, 12
100, 42
78
P6CUI/DUI-240515ZLF
24
8
53
5, 15
100, 33
78
P6CUI/DUI-050505ZLF
5
25
266
5, 5
100, 100
75
P6CUI/DUI-057R27R2ZLF
5
25
259
7.2, 7.2
69, 69
77
P6CUI/DUI-050909ZLF
5
25
253
9, 9
56, 56
79
P6CUI/DUI-051212ZLF
5
25
250
12, 12
42, 42
80
P6CUI/DUI-051515ZLF
5
25
243
15, 15
33, 33
82
P6CUI/DUI-120505ZLF
12
15
111
5, 5
100, 100
75
P6CUI/DUI-127R27R2ZLF
12
15
108
7.2, 7.2
69, 69
77
P6CUI/DUI-120909ZLF
12
15
108
9, 9
56, 56
77
P6CUI/DUI-121212ZLF
12
15
104
12, 12
42, 42
80
P6CUI/DUI-121515ZLF
12
15
102
15, 15
33, 33
81
P6CUI/DUI-240505ZLF
24
8
55
5, 5
100, 100
75
P6CUI/DUI-247R27R2ZLF
24
8
54
7.2, 7.2
69, 69
77
P6CUI/DUI-240909ZLF
24
8
52
9, 9
56, 56
79
P6CUI/DUI-241212ZLF
24
8
50
12, 12
42, 42
82
P6CUI/DUI-241515ZLF
24
8
50
15, 15
33, 33
82
If you need other specifications, please enquire.
How to Order:
Standard 1kV Isolation SIP Case
P6CUI-xxxxZLF
Standard 1kV Isolation DIP Case
P6DUI-xxxxZLF
Optional 3kV Isolation SIP Case
P6CUI-xxxxZH30LF
Optional 3kV Isolation DIP Case
P6DUI-xxxxZH30LF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com