Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6CUIDUI-05053R3ZLF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P6CUIDUI-05053R3ZLF
Description  Low Ripple and Noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6CUIDUI-05053R3ZLF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P6CUIDUI-05053R3ZLF Datasheet HTML 1Page - PEAK electronics GmbH P6CUIDUI-05053R3ZLF Datasheet HTML 2Page - PEAK electronics GmbH P6CUIDUI-05053R3ZLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
THE WORLD OF DC/DC-CONVERTERS
PM1-Series
– P6CUI / P6DUI –Dual Separate Output – SIP7 - Plastic Case
Specification can change without a notice - We accept no liability for any inaccuracy or printing errors.
Page 3/3
Package / Pinning / Derating
Modelcode
Datecode
1
2
4
5
6
7
6.00*
(0.24)
19.50
(0.76)
15.24
(0.60)
2.54
(0.10)
0.50
(0.02)
0.50
(0.02)
2.1
(0.9)
All dimensions are typical in millimeters (inches).
- Pin diameter: 0.5 +/-0.05 (0.02 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
* The thickness
of 48Vin voltage
is 7.20(0.28)
PE
AK
SIP 7
– PLASTIC CASE
Model
P6CUI (SIP7)
#
DUAL Sep.
1
+Vin
2
-Vin
4
+V1out
5
-V1out
6
+V2out
7
-V2out
PIN CONNECTIONS
Bottom View
1
7
8
14
15.24
(0.60)
2.54
(0.10)
0.50
(0.02)
PE
AK
Modelcode
Datecode
6.88
(0.27)
3.00
(0.12)
20.32
(0.80)
All dimensions are typical in millimeters (inches).
- Pin diameter: 1.0 +/-0.05 (0.04 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
DIP14
– PLASTIC CASE
Model
P6DUI (DIP14)
#
DUAL Sep.
1
-Vin
7
NC
8
-V2out
9
+V2out
10
-V1out
11
+V1out
14
+Vin
others
no Pin
PIN CONNECTIONS
85
100%
75%
50%
25%
-40 -20
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
TEMPERATURE DERATING GRAPH
App Notes:
- Operation under no-load conditions will not damage
these devices, but they will not observe the listed
specifications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com