Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70A1021 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE70A1021
Description  RF Step Attenuators Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A1021 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE70A1021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
BNC Female
BNC Female
.
Environmental Specifications
Temperature
Operating Range
-40 to 70 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
GHz
VSWR
PE70A1021 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 82.5 dB Push Button Step Attenuator, BNC Female to BNC Female Rated to 1 Watt Up to
750 MHz PE70A1021
RF Step Attenuators Technical Data Sheet
PE70A1021
0 to 82.5 dB Push Button Step Attenuator, BNC Female
to BNC Female Rated to 1 Watt Up to 750 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com