Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70A1021 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE70A1021
Description  RF Step Attenuators Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A1021 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE70A1021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• 0.5, 1, 2, 3, 6, 10, 20, 20, and 20 dB step buttons
• 0 to 82.5 dB Attenuation
• ±0.3 dB or 1% Attenuation Accuracy
• BNC Female Connectors
• -40°C to +70°C Operating Temperature
Applications
• Instrumentation
• Precision Measurements
• Prototyping and Characterization
• Production Systems
.
Description
The PE70A1021 is a Step Attenuator that has 82.5 dB of total attenuation with 0.5, 1, 2, 3, 6, 10, 20, 20, and 20 dB push button
steps, designed across the frequency range of DC to 750 MHz. Select button for desired attenuation level, total attenuation
is the sum of all buttons selected. The design is tried and true technology that offers exceptional performance characteristics
that include 1.5 dB maximum insertion loss, and a maximum VSWR of 1.4:1. The design also features excellent attenuation
accuracy with ±0.3 dB or 1% which ever is greater. The Nickel plated Brass package has BNC Female connectors, and
operates within the temperature range of -40°C to 70°C.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
750
MHz
Impedance
50
Ohms
Insertion Loss
1.5
dB
Attenuation Value
0 to 82.5
dB
Step Type
Push Button
Accuracy Statement
±0.3 dB or 1% (Whichever is greater)
Input Power
1
Watts
Input Power, Peak
100
Watts
1 µsec PW, 1% DC
VSWR
1.4:1
.
Mechanical Specifications
Size
Length
6 in [152.4 mm]
Width
1.84 in [46.74 mm]
Height
1.25 in [31.75 mm]
.
Weight
0.752 lbs [341.1 g]
.
Body Material and Plating
Brass, Nickel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 82.5 dB Push Button Step Attenuator, BNC Female to BNC Female Rated to 1 Watt Up to
750 MHz PE70A1021
PE70A1021 REV 1.1
0 to 82.5 dB Push Button Step Attenuator, BNC Female
to BNC Female Rated to 1 Watt Up to 750 MHz
RF Step Attenuators Technical Data Sheet
PE70A1021


Similar Part No. - PE70A1021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A1022 PASTERNACK-PE70A1022 Datasheet
420Kb / 5P
RF Step Attenuators Technical Data Sheet
PE70A1023 PASTERNACK-PE70A1023 Datasheet
422Kb / 5P
RF Step Attenuators Technical Data Sheet
PE70A1024 PASTERNACK-PE70A1024 Datasheet
436Kb / 6P
RF Step Attenuators Technical Data Sheet
PE70A1025 PASTERNACK-PE70A1025 Datasheet
438Kb / 6P
RF Step Attenuators Technical Data Sheet
More results

Similar Description - PE70A1021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A1013 PASTERNACK-PE70A1013 Datasheet
306Kb / 4P
RF Fixed Attenuators Technical Data Sheet
PE70A1014 PASTERNACK-PE70A1014 Datasheet
307Kb / 4P
RF Fixed Attenuators Technical Data Sheet
PE70A1022 PASTERNACK-PE70A1022 Datasheet
420Kb / 5P
RF Step Attenuators Technical Data Sheet
PE70A1023 PASTERNACK-PE70A1023 Datasheet
422Kb / 5P
RF Step Attenuators Technical Data Sheet
PE70A1024 PASTERNACK-PE70A1024 Datasheet
436Kb / 6P
RF Step Attenuators Technical Data Sheet
PE70A1025 PASTERNACK-PE70A1025 Datasheet
438Kb / 6P
RF Step Attenuators Technical Data Sheet
PE7AP1000-0 PASTERNACK-PE7AP1000-0 Datasheet
298Kb / 5P
RF Fixed Attenuators Technical Data Sheet
PE7AP1000-1 PASTERNACK-PE7AP1000-1 Datasheet
295Kb / 5P
RF Fixed Attenuators Technical Data Sheet
PE7AP1000-9 PASTERNACK-PE7AP1000-9 Datasheet
292Kb / 5P
RF Fixed Attenuators Technical Data Sheet
PE7AP1002-6 PASTERNACK-PE7AP1002-6 Datasheet
239Kb / 4P
RF Fixed Attenuators Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com