Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70A1021 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE70A1021
Description  RF Step Attenuators Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A1021 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE70A1021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A1021 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
dB
GHz
Attenuation
.5 dB
1 dB
2 dB
3 dB
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
dB
GHz
Attenuation
6 dB
10 dB
20 dB
20 dB
PE70A1021 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 82.5 dB Push Button Step Attenuator, BNC Female to BNC Female Rated to 1 Watt Up to
750 MHz PE70A1021
RF Step Attenuators Technical Data Sheet
PE70A1021
0 to 82.5 dB Push Button Step Attenuator, BNC Female
to BNC Female Rated to 1 Watt Up to 750 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com