Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LERTDUWS2WN Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LERTDUWS2WN
Description  Architectural lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDUWS2WN Datasheet(HTML) 4 Page - OSRAM GmbH

  LERTDUWS2WN Datasheet HTML 1Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 2Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 3Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 4Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 5Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 6Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 7Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 8Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2017-07-05
4
Version 1.0
LE RTDUW S2WN
Kennwerte
Characteristics (T
S = 25 °C; IF = 1000 mA)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
deep
blue
ultra
white
Wellenlänge des emittierten Lichtes
Wavelength at peak emission
(typ.)
λ
peak
633
519
448
nm
Dominantwellenlänge*
3) Seite 25
(min.)
Dominant wavelength*
3) page 25
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
620
625
632
519
525
531
449
453
458
nm
nm
nm
Spektrale Bandbreite bei 50 %
Φ
rel max
Spectral bandwidth at 50 %
Φ
rel max
(typ.)
∆λ
18
33
25
nm
Farbkoordinate x nach CIE 1931
3) Seite 25(typ.)
Chromaticity coordinate x acc. to CIE
1931*
3) page 25
x
y
0.31
0.32
–
–
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel) (typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
120
130
Grad
deg.
Durchlassspannung pro Chip
4) Seite 25
(min.)
Forward voltage per chip
4) page 25
(typ.)
(max.)
V
F
V
F
V
F
1.85
2.35
2.80
3.00
3.60
4.10
2.70
3.00
3.40
2.70
3.00
3.40
V
V
V
Sperrstrom
(max.)
Reverse current
I
R
not designed for
reverse operation
µA
Abstrahlende Fläche
(typ.)
Radiating Surface
A
2.1 x 2.1
mm²
Partieller Lichtfluss
Partial flux acc. CIE 127:2007
(typ.)
(Φ
E/V 120° = x * ΦE/V 180°)
Φ
E/V, 120°
0.82
0.77
Thermal resistance junction / solderpad
Wärmewiderstand Sperrschicht / solderpad
R
th JS real
R
th JS real
1.2 (typ.)
1.4 (max.)
K/W
K/W
Thermal resistance junction / solderpad**
Wärmewiderstand Sperrschicht / solderpad**
n
LED = 26 %
(all chips operated simultaneously)
R
th JS el
R
th JS el
0.9 (typ.)
1.1 (max.)
K/W
K/W
*
Einzelgruppen siehe Seite 5
Individual groups on page 5
** R
th basiert auf statistischen Werten
R
th is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com