Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LERTDUWS2WN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LERTDUWS2WN
Description  Architectural lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDUWS2WN Datasheet(HTML) 1 Page - OSRAM GmbH

  LERTDUWS2WN Datasheet HTML 1Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 2Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 3Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 4Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 5Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 6Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 7Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 8Page - OSRAM GmbH LERTDUWS2WN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LE RTDUW S2WN
OSRAM OSTAR Stage
Datasheet
Version 1.0
2017-07-05
1
Compact lightsource in SMT technology, glass
window on top, RoHS compliant
Features
• Package: compact lightsource in SMT
technology with glass window on top
• Technology: ThinGaN UX:3; InGaAlP
• Color: red (625 nm); true green (525 nm);
deep blue (453 nm); white (x = 0.31, y = 0.32
acc. to CIE 1931)
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• Viewing angle at 50% I
V: 120°(R; T; D),
130° (UW)
Applications
• Stage lighting
• Mood lighting
• Architectural lighting (effect- and accent
lighting)
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technologie: ThinGaN UX:3; InGaAlP
• Farbe: red (625 nm); true green (525 nm);
deep blue (453 nm); weiß (x = 0.31, y = 0.32
nach CIE 1931)
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
• Abstrahlwinkel bei 50% I
V: 120°(R; T; D),
130° (UW)
Anwendungen
• Bühnenbeleuchtung
• Stimmungslicht
• Gebäudebeleuchtung (Effekt- und
Akzentbeleuchtung


Similar Part No. - LERTDUWS2WN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
OSRAM OSTAR Stage
LERTDUWS2WNKBLA-1 OSRAM-LERTDUWS2WNKBLA-1 Datasheet
2Mb / 25P
Compact lightsource in SMT technology
LERTDUWS2WN OSRAM-LERTDUWS2WN_18 Datasheet
1Mb / 25P
OSRAM OSTAR Stage
More results

Similar Description - LERTDUWS2WN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
Architectural lighting
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
Architectural lighting
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
Architectural lighting
GTPSLR31.13 OSRAM-GTPSLR31.13 Datasheet
814Kb / 22P
Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
Architectural lighting
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
Architectural lighting
GRDASPA1.23 OSRAM-GRDASPA1.23 Datasheet
904Kb / 22P
Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
Architectural lighting
GRDASPA2.23 OSRAM-GRDASPA2.23 Datasheet
1Mb / 21P
Architectural lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com