Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT574TLE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74FCT574TLE
Description  Fast CMOS Octal D Registers (3-State)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT574TLE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74FCT574TLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PS2016C
10/01/04
PI74FCT374T
PI74FCT574T
Octal D Registers (3-State)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
0.1
500
µA
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN = 3.4V(3)
0.5
2.0
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC = Max.,
VIN = VCC
0.15
0.25
mA/
Input per MHz(4)
Outputs Open
VIN = GND
MHz
OE = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply
VCC = Max.,
VIN = VCC
1.5
3.5(5)
mA
Current(6)
Outputs Open
VIN = GND
fCP = 10 MHZ
50% Duty Cycle
VIN = 3.4V
2.0
5.5(5)
OE = GND
VIN = GND
fI = 5 MHZ
One Bit Toggling
VCC = Max.,
VIN = VCC
3.8
7.3(5)
Outputs Open
VIN = GND
fCP = 10 MHZ
50% Duty Cycle
VIN = 3.4V
6.0
16.3(5)
OE = GND
VIN = GND
Eight Bits Toggling
fI = 2.5 MHZ
50% Duty Cycle
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
6. IC =IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fINI)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4 V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fI = Input Frequency
NI = Number of Inputs at fI
All currents are in milliamps and all frequencies are in megahertz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com