Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT574TLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74FCT574TLE
Description  Fast CMOS Octal D Registers (3-State)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT574TLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74FCT574TLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS2016C
10/01/04
PI74FCT374T
PI74FCT574T
Octal D Registers (3-State)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5.0V ± 5%)
Parameters Description
Test Conditions(1)
Min. Typ(2) Max. Units
VOH
Output HIGH Voltage VCC = Min., VIN = VIH or VIL
IOH = –15.0 mA
2.4
3.0
V
VOL
Output LOW Current
VCC = Min., VIN = VIH or VIL
IOL = 64 mA
0.3
0.55
V
VOL
Output LOW Current
VCC = Min., VIN = VIH or VIL
IOL = 12 mA (25
Ω Series)
0.3
0.50
V
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
VCC = Max.
VIN = VCC
1µA
IIL
Input LOW Current
VCC = Max.
VIN = GND
–1
µA
IOZH
High Impedance
VCC= MAX.VOUT= 2.7V
1
µA
IOZL
Output Current
VOUT = 0.5V
–1
µA
VIK
Clamp Diode Voltage VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOFF
Power Down Disable
VCC = GND, VOUT = 4.5V
—
—
100
µA
IOS
Short Circuit Current
VCC = Max.(3), VOUT = GND
–60
–120
mA
VH
Input Hysteresis
200
mV
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(4)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com