Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT574TLE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74FCT574TLE
Description  Fast CMOS Octal D Registers (3-State)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT574TLE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74FCT574TLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT574TLE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS2016C
10/01/04
PI74FCT374T
PI74FCT574T
Octal D Registers (3-State)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PinDescription
Inputs
Outputs Internal
Function
OE
CP
DN
ON
QN
High-Z
H
L
X
Z
NC
HH
X
Z
NC
Load Register
L
↑
LL
H
L
↑
HH
L
H
↑
LZ
H
H
↑
HZ
L
TruthTable(1)
1.
H = High Voltage Level
L = Low Voltage Level
X = Don’t Care
Z = High Impedance
NC = No Change
↑= LOW-to-HIGH transition
Pin Name
Description
OE
Output Enable Input (Active LOW)
CP
Clock Pulse for the register. Enters data on
LOW-to-HIGH transition
D0-D7
Data Inputs
O0-O7
3-State Outputs (true)
O0-O7
3-State Outputs (inverted)
GND
Ground
VCC
Power
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ................................................................. –65°C to +150°C
Ambient Temperature with Power Applied ................................. -40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .......... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ....... –0.5V to +7.0V
DC Input Voltage ......................................................................... –0.5V to +7.0V
DC Output Current ................................................................................... 120 mA
Power Dissipation ......................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com