Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70MP5000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE70MP5000
Description  TECHNICAL DATA SHEET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70MP5000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE70MP5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
TECHNICAL DATA SHEET
PE5CK1002 F General Purpose Calibration Kit Including Short Circuit, Open
Circuit, Load and Thru Components Operating From DC to 3 GHz
Model
ITEM
FREQUENCY RANGE
CONNECTOR
IMPEDANCE
PE5SC2004
DC - 3000 MHz
Female
75 Ohm
PE5SC2005
DC - 3000 MHz
Male
75 Ohm
PE5SC1004
DC - 3000 MHz
Female
75 Ohm
PE5SC1005
DC - 3000 MHz
Male
75 Ohm
PE5TR1004
DC - 3000 MHz
Female
75 Ohm
PE5TR1005
DC - 3000 MHz
Male
75 Ohm
PE5SC3005
DC - 3000 MHz
Female
75 Ohm
PE70MP5000
PE70MP5000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Type F Test and Measurement Kit with SOLT Calibration Components, N Male to F
Male Armored Test Cables and Precision Accessories PE70MP5000
75 Ohm Type F Test and Measurement Kit with
SOLT Calibration Components, N Male to F Male
Armored Test Cables and Precision Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com