Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70MP5000 Datasheet(PDF) 15 Page - Pasternack Enterprises, Inc.

Part # PE70MP5000
Description  TECHNICAL DATA SHEET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70MP5000 Datasheet(HTML) 15 Page - Pasternack Enterprises, Inc.

Back Button PE70MP5000 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 15Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 16Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 17Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 18Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 19Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Type F Test and Measurement Kit with SOLT Calibration Components, N Male to F
Male Armored Test Cables and Precision Accessories PE70MP5000
PE70MP5000
PE70MP5000 REV 1.0
75 Ohm Type F Test and Measurement Kit with
SOLT Calibration Components, N Male to F Male
Armored Test Cables and Precision Accessories
General Instructions and Usage Notes
# Notes
1 After use please place protective covers on both connectors and put back in kit box.
2 Keep connectors clean, and avoid touching the connectors.
3 Do not insert male pins with a diameter greater than 0.86 mm, this will damage the
female pin.
4 When Mating with RG6 Coax, please use a connector saver to prevent damage on the F
Female terminations.
5 Do not insert male pins that protrude more than 1mm over the outer flat of the
connector, this will damage the female connector.
6
When mating male and female connectors, rotate the hex only on the male connector
(keep the male body in a fixed position) slowly to screw on the female connector thread
(keep female body in a fixed position).
7 When de-mating, always ensure that the interconnected components remain in a fixed
position while rotating only the coupling nut slowly to de-mate the connectors.
8
Visually inspect the connector threads prior to use. If needed, clean the center
conductor pin and outer conductor with alcohol to remove any debris that may be
present. Be sure to apply the alcohol in a circular motion with a lint-free cloth or
applicator.
9 Torque the F Type male connectors to 15 in-lbs.
10 Use at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com