Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70MP5000 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE70MP5000
Description  TECHNICAL DATA SHEET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70MP5000 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE70MP5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE70MP5000 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
TECHNICAL DATA SHEET
PE70MP5000
PE70MP5000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Type F Test and Measurement Kit with SOLT Calibration Components, N Male to F
Male Armored Test Cables and Precision Accessories PE70MP5000
PE5SC2005 F Male General Purpose Calibration Kit
Component Open Circuit Operating From DC to 3 GHz
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC - 3000
MHz
Impedance
75
Ohm
Phase (DC - 1000 MHz)
1°
Nominal
1°
Degrees
Phase (1000 - 3000 MHz)
2°
Nominal
2°
Degrees
Mechanical Specifications
Item
Description
Units
Housing
Copper Tube
Connector
75 Ohm F Type-Male
Connector Screw Thread
3/8 - 32 UNEF
Inch
Dimensions
0.63 (ø) x 1.62 (L)
Inch
Net Weight
45.2
g
75 Ohm Type F Test and Measurement Kit with
SOLT Calibration Components, N Male to F Male
Armored Test Cables and Precision Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com