Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAH8002EP Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAH8002EP
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAH8002EP Datasheet HTML 1Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 2Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 3Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 4Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 5Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 6Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 7Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 8Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.3 | 25 Sep 2017 | 31007AEN
PAH8002EP: Low Power Optical Heart Rate Detection Chip
General Description
The PAH8002EP is a low power and high-performance
CMOS-process optical chip with three LEDs: two Green
and one Infrared, and integrated DSP, targeted as a Heart
Rate Detection (HRD) chip. It is based on optical sensing
technology that captures higher resolution image than
the traditional photodiode. The images are then
processed through our integrated DSP to attain
processed PPG (Photoplethysmogram) data for use in
deducing heart rate.
Key Features
 Heart rate detection function (HRD)
 SRAM buffer support
 Integrated ultra-low power mode, while in Sleep mode
 Adjustable sleep rate control
 Communication interface options
 I2C
 Four-Wire SPI
 I2C interface up to 1 Mbit/s
 SPI interface up to 2 Mbit/s
 Hardware reset support
 Integrated chip-on-board LEDs with wavelength of
525nm and 940nm
Applications
 Heart Rate Monitor Accessories
 Wearables: Smartwatch, Wrist Band
*Disclaimer:
The PAH8002EP-2P is not designed for usage in medical device.
In addition, the data and information of heart rate
measurement provided by this chip may not be completely
accurate and may exceed heart rate tolerance as per the
specification stated in the document due to different factors,
such as interference with signal from external sources,
incorrect wearing position and changes in weather conditions
or user's body condition.
PIXART IMAGING INC. DISCLAIMS ALL LIABILITY ARISING FROM
SUCH INACCURACY AND ASSUMES NO RESPONSIBILITY FOR THE
CONSEQUENCES OF USE OF SUCH DATA AND INFORMATION.
Key Parameters
Parameter
Value
Operating Temperature,
Tj (°C)
-20 to +60
Array Size
1 pixel
Pixel Size (µm)
780 x 780
Max Frame Rate (fps)
50K
Dynamic Range (dB)
70
Supply Voltage (V)
VDDM: 3.3 – 3.6
VDD_LEDx: 3.3 – 3.6
VDDIO: 1.62 – 3.6
Analog: 2.8
Digital: 1.8
Power Consumption
(mW) @3.3V
Note:
Including LED
current, without I/O
toggling, package only
Active:
 Double Injection Type :
4.95 with one LED
8.25 with two LEDs
0.165 with IR Touch
Detection
 Printing Cover Type:
5.94 with two LEDs
0.165 with IR Touch
Detection
Sleep: 0.08
Heart Rate Measurement
Range (bpm)
30 - 240
Package Size (mm)
3.6 x 6.36 x 1.0
Ordering Information
Part Number
Package Type
PAH8002EP-2P
22-Pin LGA
For any additional inquiries, please contact us at
http://www.pixart.com/contact.asp


Similar Part No. - PAH8002EP

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAH8001EI-2G PIXART-PAH8001EI-2G Datasheet
1Mb / 5P
Optical Heart Rate Detection Sensor
More results

Similar Description - PAH8002EP

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WTD0007 WELTREND-WTD0007 Datasheet
97Kb / 5P
HEART RATE SIGNAL DETECTOR
logo
Silicon Laboratories
BLE112 SILABS-BLE112 Datasheet
737Kb / 34P
Heart rate sensors
logo
Pixart Imaging Inc.
PAH8001EI-2G PIXART-PAH8001EI-2G Datasheet
1Mb / 5P
Optical Heart Rate Detection Sensor
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
Low Power Heart Rate Monitor Optical Chip
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
Low Power Optical Heart Rate Monitor Chip
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
Optical Sensor for Heart Rate Monitor IC
BH1790GLC-EVK-001 ROHM-BH1790GLC-EVK-001 Datasheet
190Kb / 5P
Optical Sensor for Heart Rate Monitor
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
Optical Sensor for Heart Rate Monitor IC
BH1792GLC-EVK-001 ROHM-BH1792GLC-EVK-001 Datasheet
802Kb / 4P
Optical Sensor for Heart Rate Monitor
logo
Analog Devices
MAX86165 AD-MAX86165 Datasheet
229Kb / 2P
Miniature Optical Heart Rate Module
19-101722; Rev 0; 06/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com