Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAH8002EP Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part # PAH8002EP
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button PAH8002EP Datasheet HTML 17Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 18Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 19Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 20Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 21Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 22Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 23Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 24Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
4.6.2
Unit Orientation
Figure 13. Unit Orientation
The maximum capacity of one packing box for PAH8002EP‐2P: One Inner packing box = 2500 units
Note: The Tape and Reel packing with vacuum pack is 1year storage available @ 25°C, 50%RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com