Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAH8002EP Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAH8002EP
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAH8002EP Datasheet HTML 9Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 10Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 11Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 12Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 13Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 14Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 15Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 16Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
System Level Description
4.1
System Overview
This section describes on how the chip being used to make up a complete system including the explanation on the 3rd party
components and how they work with the chip.
The PAH8002 is based on CMOS image chip technology. It is designed to meet the requirements as heart rate monitor
accessories and wearables like smart watch or wrist band device. Figure 5 illustrates a system design for App Level diagram.
The processor is accessing PPG data from 8002 chip, then pass it to App level. APP level applies PixArt provided algorithm
library to determine the heart rate data and waveform. Figure 6. System Design for Firmware Level illustrates a system
design for Firmware Level diagram. The processor will also access PPG data from 8002 chip, then perform heart rate
calculation with PixArt algorithm library and send result to display or end device.
PAH8002 can be configured to generate different frame rate settings up to 50K fps.
Figure 5. System Design for App Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com