Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857AST Datasheet(PDF) 20 Page - Analog Devices

Part # AD9857AST
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857AST Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9857AST Datasheet HTML 16Page - Analog Devices AD9857AST Datasheet HTML 17Page - Analog Devices AD9857AST Datasheet HTML 18Page - Analog Devices AD9857AST Datasheet HTML 19Page - Analog Devices AD9857AST Datasheet HTML 20Page - Analog Devices AD9857AST Datasheet HTML 21Page - Analog Devices AD9857AST Datasheet HTML 22Page - Analog Devices AD9857AST Datasheet HTML 23Page - Analog Devices AD9857AST Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
AD9857
Rev. C| Page 19 of 40
tDH
I0
TxENABLE
PDCLK
D<13:0>
QN
IN
Q1
I1
Q0
tDH
tDS
tDS
Figure 21. 14-Bit Parallel Port Timing Diagram—Quadrature Modulation Mode
tDH
I0
TxENABLE
PDCLK
D<13:0>
IK
IK– 1
I3
I2
I1
tDH
tDS
tDS
Figure 22. 14-Bit Parallel Port Timing Diagram—Interpolating DAC Mode
Table 5. Parallel Data Bus Timing
Symbol
Definition
Minimum
tDS
Data Setup Time
4 ns
tDH
Data Hold Time
0 ns
INVERSE CIC FILTER
The inverse cascaded integrator comb (CIC) filter precompen-
sates the data to offset the slight attenuation gradient imposed
by the CIC filter. See the Programmable (2× to 63×) CIC
Interpolating Filter section. The I (or Q) data entering the first
half-band filter occupies a maximum bandwidth of one-half
fDATA as defined by Nyquist (where fDATA is the sample rate at the
input of the first half-band filter). This is shown graphically in
Figure 23.
INBAND
ATTENUATION
GRADIENT
CIC FILTER RESPONSE
fDATA/2
fDATA
4fDATA
f
Figure 23. CIC Filter Response
If the CIC filter is employed, the inband attenuation gradient
could pose a problem for those applications requiring an
extremely flat pass band. For example, if the spectrum of the
data as supplied to the AD9857 I or Q path occupies a
significant portion of the one-half fDATA region, the higher
frequencies of the data spectrum receives slightly more
attenuation than the lower frequencies (the worst-case overall
droop from f = 0 to one-half fDATA is < 0.8 dB). This may not be
acceptable in certain applications. The inverse CIC filter has a
response characteristic that is the inverse of the CIC filter
response over the one-half fDATA region.
The net result is that the product of the two responses yields in
an extremely flat pass band, thereby eliminating the inband
attenuation gradient introduced by the CIC filter. The price
to be paid is a slight attenuation of the input signal of approx-
imately 0.5 dB for a CIC interpolation rate of 2 and 0.8 dB for
interpolation rates of 3 to 63.
The inverse CIC filter is implemented as a digital FIR filter
with a response characteristic that is the inverse of the
programmable CIC interpolator. The product of the two
responses yields a nearly flat response over the baseband
Nyquist bandwidth. The inverse CIC filter provides frequency
compensation that yields a response flatness of ±0.05 dB over
the baseband Nyquist bandwidth, allowing the AD9857 to
provide excellent SNR over its performance range.
The inverse CIC filter can be bypassed by setting Control
Register 06h<0>. It is automatically bypassed if the CIC
interpolation rate is 1×. Whenever this stage is bypassed, power
to the stage is shutoff, thereby reducing power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com