Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857AST Datasheet(PDF) 22 Page - Analog Devices

Part # AD9857AST
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857AST Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9857AST Datasheet HTML 18Page - Analog Devices AD9857AST Datasheet HTML 19Page - Analog Devices AD9857AST Datasheet HTML 20Page - Analog Devices AD9857AST Datasheet HTML 21Page - Analog Devices AD9857AST Datasheet HTML 22Page - Analog Devices AD9857AST Datasheet HTML 23Page - Analog Devices AD9857AST Datasheet HTML 24Page - Analog Devices AD9857AST Datasheet HTML 25Page - Analog Devices AD9857AST Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
AD9857
Rev. C| Page 21 of 40
f
fIQ
f
fNYQ(@1 )
fIQ
f
HALF-BAND FILTER RESPONSE
= 0
= 0.5
= 1
BANDWIDTH
OF I OR Q
DATA
1 SAMPLE RATE
fIQ: DATA VECTOR RATE
AT INPUT TO AD9857
fNYQ(@1 )
fNYQ(@2 )
fIQ
2 OVERSAMPLE RATE
fNYQ(@2 )
fNYQ(@1 )
A)
B)
C)
2× OVERSAMPLE RATE
Figure 26. Effect of Alpha
PROGRAMMABLE (2× TO 63×) CIC
INTERPOLATING FILTER
The programmable interpolator is implemented as a CIC filter.
It is programmable by a 6-bit control word, giving a range of
2× to 63× interpolation. This interpolator has a low-pass
frequency characteristic that is compensated by the inverse CIC
filter.
The programmable interpolator can be bypassed to yield a 1×
(no interpolation) configuration by setting the bit in the
appropriate control register, per each profile. Whenever the
programmable interpolator is bypassed (1× CIC rate), power to
the stage is removed. If the programmable interpolator is
bypassed, the inverse CIC filter (see above) is automatically
bypassed, because its compensation is not needed in this case.
The output of the programmable interpolator is the data from
the 4× interpolator upsampled by an additional 2× to 63×,
according to the rate chosen by the user. This results in the
input data being upsampled by a factor of 8× to 252×.
The transfer function of the CIC interpolating filter is
5
1
0
)
2
(
)
(
⎟
⎠
⎞
⎜
⎝
⎛
=
∑
−
=
π
−
R
k
fk
j
e
f
H
(1)
where R is the interpolation rate, and f is the frequency relative
to SYSCLK.
QUADRATURE MODULATOR
The digital quadrature modulator stage is used to frequency
shift the baseband spectrum of the incoming data stream up to
the desired carrier frequency (this process is known as
upconversion).
At this point the incoming data has been converted from an
incoming sampling rate of fIN to an I/Q sampling rate equal to
SYSCLK. The purpose of the upsampling process is to make the
data sampling rate equal to the sampling rate of the carrier
signal.
The carrier frequency is controlled numerically by a Direct
Digital Synthesizer (DDS). The DDS uses the internal reference
clock (SYSCLK) to generate the desired carrier frequency with a
high degree of precision. The carrier is applied to the I and Q
multipliers in quadrature fashion (90° phase offset) and
summed to yield a data stream that represents the quadrature
modulated carrier.
The modulation is done digitally which eliminates the phase
and gain imbalance and crosstalk issues typically associated
with analog modulators. Note that the modulated “signal” is
actually a number stream sampled at the rate of SYSCLK, the
same rate at which the output D/A converter is clocked.
The quadrature modulator operation is also controlled by
spectral invert bits in each of the four profiles. The quadrature
modulation takes the form:
( )
( )
ω
×
+
ω
×
sin
cos
Q
I
when the spectral invert bit is set to a Logic 1.
( )
( )
ω
×
−
ω
×
sin
cos
Q
I
when the spectral invert bit is set to a Logic 0.
DDS CORE
The direct digital synthesizer (DDS) block generates the sin/cos
carrier reference signals that digitally modulate the I/Q data
paths. The DDS frequency is tuned via the serial control port
with a 32-bit tuning word (per profile). This allows the
AD9857’s output carrier frequency to be very precisely tuned
while still providing output frequency agility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com