Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857AST Datasheet(PDF) 31 Page - Analog Devices

Part # AD9857AST
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857AST Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9857AST Datasheet HTML 27Page - Analog Devices AD9857AST Datasheet HTML 28Page - Analog Devices AD9857AST Datasheet HTML 29Page - Analog Devices AD9857AST Datasheet HTML 30Page - Analog Devices AD9857AST Datasheet HTML 31Page - Analog Devices AD9857AST Datasheet HTML 32Page - Analog Devices AD9857AST Datasheet HTML 33Page - Analog Devices AD9857AST Datasheet HTML 34Page - Analog Devices AD9857AST Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AD9857
Rev. C | Page 30 of 40
LATENCY
The latency through the AD9857 is easiest to describe in terms
of system clock (SYSCLK) cycles. Latency is a function of the
AD9857 configuration (that is, which mode and which optional
features are engaged). The latency is primarily affected by the
programmable interpolator’s rate.
The following values should be considered estimates because
observed latency may be data dependent. The latency was
calculated using the linear delay model for FIR filters.
SYSCLK = REFCLK × Reference Clock Multiplier Factor
(1 If Bypassed, 4–20)
N = Programmable Interpolation Rate
(1 If Bypassed, 2–63)
Table 9.
Stage
Modulator
Mode
Interpolator
Mode
Input Demux
4 × N
8 × N
Inverse CIC
12 × N
(Optional)
12 × N
(Optional)
Fixed Interpolator
72 × N
72 × N
Programmable
Interpolator
5 × N + 9
5 × N + 9
Quadrature Modulator
7
Not Used
Inverse SINC
7 (Optional)
7 (Optional)
Output Scaler
6 (Optional)
6 (Optional)
Example
Interpolate mode
Clock multiplier = 4
Inverse CIC = On
Interpolate rate = 20
Inverse SINC = Off
Output scale = On
iods
Clock Per
Reference
cks/
System Clo
)
(
)
(
)
(
)
(
Latency
488.75
4
1955
6
9
20
5
20
72
20
12
20
8
=
=
+
+
×
+
×
+
×
+
×
=
Latency for the Single-Tone Mode
In single-tone mode, frequency hopping is accomplished by
alternately selecting the two profile input pins. The time
required to switch from one frequency to another is less than 30
system clock cycles (SYSCLK) with the inverse SINC filter and
the output scaler engaged. With the inverse SINC filter
disengaged, the latency drops to less than 24 SYSCLK cycles.
Other Factors Affecting Latency
Another factor affecting latency is the internal clock phase
relationship at the start of any burst transmission. For systems
that need to maintain exact SYSCLK cycle latency for all bursts,
the user must be aware of the possible difference in SYSCLK
cycle latency through the DEMUX, which precedes the signal
processing chain. The timing diagrams of Figure 33 and
Figure 34 describe how the latency differs depending upon the
phase relationship between the PDCLK and the clock that
samples data at the output of the data assembler logic (labeled
DEMUX on the block diagram).
Regarding Figure 33 and Figure 34, the SYSCLK/N trace
represents the clock frequency that is divided down from
SYSCLK by the CIC interpolation rate. That is, with SYSCLK
equal to 200 MHz and the CIC interpolation rate equal to
2 (N = 2), then SYSCLK/N equals 100 MHz. The SYSCLK/2N
and SYSCLK/4N signals are divided by 2 and 4 of SYSCLK/N,
respectively. For quadrature modulation mode, the PDCLK is
the SYSCLK/2N frequency and the clock that samples data into
the signal processing chain is the SYSCLK/4N frequency. Note
that SYSCLK/2N rising edges create the transition of the
SYSCLK/4N signal.
Figure 33 shows the timing for a burst transmission that starts
when the PDCLK (SYSCLK/2N) signal generates a rising edge
on the SYSCLK/4N clock. The latency from the D<13:0> pins to
the output of the data assembler logic is three PDCLK cycles.
The output is valid on the falling edge of SYSCLK/4N clock and
is sampled into the signal processing chain on the next rising
edge of the SYSCLK/4N clock (1/2 SYSCLK/4N clock cycle
latency).
Figure 34 shows the timing for a burst transmission that starts
when the PDCLK (SYSCLK/2N) signal generates a falling edge
on the SYSCLK/4N clock. The latency from the D<13:0> pins to
the output of the data assembler logic is three PDCLK cycles.
This is identical to Figure 33, but note that output is valid on the
rising edge of SYSCLK/4N clock and is sampled into the signal
processing chain on the next rising edge of the SYSCLK/4N
clock (1 full SYSCLK/4N clock cycle latency).
The difference in latency (as related to SYSCLK clock cycles) is
SYSCLK/2N, or one PDCLK cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com