Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857/PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9857/PCB Datasheet HTML 31Page - Analog Devices AD9857/PCB Datasheet HTML 32Page - Analog Devices AD9857/PCB Datasheet HTML 33Page - Analog Devices AD9857/PCB Datasheet HTML 34Page - Analog Devices AD9857/PCB Datasheet HTML 35Page - Analog Devices AD9857/PCB Datasheet HTML 36Page - Analog Devices AD9857/PCB Datasheet HTML 37Page - Analog Devices AD9857/PCB Datasheet HTML 38Page - Analog Devices AD9857/PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
AD9857
Rev. C | Page 34 of 40
HARDWARE-CONTROLLED DIGITAL
POWER-DOWN
The hardware-controlled method for reducing power is to apply
a Logic 1 to the DPD pin. Restarting the part after a digital
power-down is accomplished by applying a Logic 0 to the DPD
pin. The DPD pin going to Logic 0 can occur simultaneously
with the activation of TxENABLE.
The user notices some time delay between invoking the digital
power-down function and the actual reduction in power. This is
due to an automatic routine that clears the signal processing
chain before stopping the clocks. Clearing the signal processing
chain before powering down ensures that the AD9857 is ready
to transmit when digital power-down mode is deactivated (see
the Clearing the CIC filter section for details).
SOFTWARE-CONTROLLED DIGITAL POWER-
DOWN
The software-controlled method for reducing digital power
between transmissions is simply an enable or disable of an
automatic power-down function. When enabled, digital power-
down between bursts occurs automatically after all data has
passed the AD9857 signal processing path.
When the AD9857 senses the TxENABLE input indicates the
end of a transmission, an on-chip timer is used to verify that the
data has completed transmission before stopping the internal
clocks that drive the signal processing chain memory elements.
As with the hardware activation method, clock synchronization
is maintained and the PDCLK output continues to run. An
active high signal on TxENABLE automatically restarts the
internal clocks, allowing the next burst transmission to start
immediately.
The automatic digital power-down between bursts is enabled by
writing the Control Register 01h<2> bit high. Writing the
Control Register 01h<2> bit low disables the function.
FULL SLEEP MODE
When coming out of full sleep mode, it is necessary to wait for
the PLL lock indicator to go high. Full Sleep mode functionality
is provided by programming one of the Control Registers
(01h<3>). When the Full-Sleep bit is set to a Logic 1, the device
shuts down both its digital and analog sections. During full
sleep mode, the contents of the registers of the AD9857 are
maintained. This mode yields the minimum possible device
power dissipation.
POWER MANAGEMENT CONSIDERATIONS
The thermal impedance for the AD9857 80-lead LQFP package
is θJA = 35°C/W. The maximum allowable power dissipation
using this value is calculated using ΔT = P × θJA.
JA
T
P
θ
= Δ
35
85
150 −
=
P
W
P
85
.
1
=
The AD9857 power dissipation is at or below this value when
the SYSCLK frequency is at 200 MHz or lower with all optional
features enabled. The maximum power dissipation occurs while
operating the AD9857 as a quadrature modulator at the
maximum system clock frequency with TxENABLE in a logic
high state 100% of the time the device is powered. Under these
conditions, the device operates with all possible circuits enabled
at maximum speed.
Significant power saving may be seen by using a TxENABLE
signal that toggles low during times when the device does not
modulate.
The thermal impedance of the AD9857 package was measured
in a controlled temperature environment at temperatures
ranging from 28°C to 85°C with no air flow. The device under
test was soldered to an AD9857 evaluation board and operated
under conditions that generate maximum power dissipation.
The thermal resistance of a package can be thought of as a
thermal resistor that exists between the semiconductor surface
and the ambient air. The thermal impedance of a package is
determined by package material and its physical dimensions.
The dissipation of the heat from the package is directly
dependent upon the ambient air conditions and the physical
connection made between the IC package and the PCB.
Adequate dissipation of power from the AD9857 relies upon all
power and ground pins of the device being soldered directly to
copper planes on a PCB.
Many variables contribute to the operating junction
temperature within a device. They include:
1.
Package style
2.
Selection mode of operation
3.
Internal system clock speed
4.
Supply voltage
5.
Ambient temperature
The power dissipation of the AD9857 in a given application is
determined by several operating conditions. Some of these
conditions, such as supply voltage and clock speed, have a direct
relationship with power dissipation. The most important factors
affecting power dissipation follow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com