Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9857/PCB Datasheet HTML 5Page - Analog Devices AD9857/PCB Datasheet HTML 6Page - Analog Devices AD9857/PCB Datasheet HTML 7Page - Analog Devices AD9857/PCB Datasheet HTML 8Page - Analog Devices AD9857/PCB Datasheet HTML 9Page - Analog Devices AD9857/PCB Datasheet HTML 10Page - Analog Devices AD9857/PCB Datasheet HTML 11Page - Analog Devices AD9857/PCB Datasheet HTML 12Page - Analog Devices AD9857/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AD9857
Rev. C | Page 8 of 40
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 2.
Parameter
Rating
Maximum Junction Temperature
150°C
VS
4 V
Digital Input Voltage
−0.7 V to +VS
Digital Output Current
5 mA
Storage Temperature
−65°C to +150°C
Operating Temperature
−40°C to +85°C
Lead Temperature (Soldering 10 s)
300°C
θJA
35°C/W
θJC
16°C/W
EXPLANATION OF TEST LEVELS
Table 3.
Test
Level
1
100% production tested.
2
100% production tested at 25°C and sample tested at
specific temperatures.
3
Sample tested only.
4
Parameter is guaranteed by design and
characterization testing.
5
Parameter is a typical value only.
6
Devices are 100% production tested at 25°C and
guaranteed by design and characterization testing for
industrial operating temperature range.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com