Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9857/PCB Datasheet HTML 20Page - Analog Devices AD9857/PCB Datasheet HTML 21Page - Analog Devices AD9857/PCB Datasheet HTML 22Page - Analog Devices AD9857/PCB Datasheet HTML 23Page - Analog Devices AD9857/PCB Datasheet HTML 24Page - Analog Devices AD9857/PCB Datasheet HTML 25Page - Analog Devices AD9857/PCB Datasheet HTML 26Page - Analog Devices AD9857/PCB Datasheet HTML 27Page - Analog Devices AD9857/PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
AD9857
Rev. C| Page 23 of 40
The output compliance voltage of the AD9857 is −0.5 V to
+1.0 V. Any signal developed at the DAC output should not
exceed 1.0 V, otherwise, signal distortion results. Furthermore,
the signal may extend below ground as much as 0.5 V without
damage or signal distortion. The use of a transformer with a
grounded center tap for common-mode rejection results in
signals at the AD9857 DAC output pins that are symmetrical
about ground.
As previously mentioned, by differentially combining the two
signals, the user can provide some degree of common-mode
signal rejection. A differential combiner might consist of a
transformer or an op amp. The object is to combine or amplify
only the difference between two signals and to reject any
common, usually undesirable, characteristic, such as 60 Hz
hum or clock feed-through that is equally present on both input
signals. The AD9857 true and complement outputs can be
differentially combined using a broadband 1:1 transformer with
a grounded, center-tapped primary to perform differential
combining of the two DAC outputs.
REFERENCE CLOCK MULTIPLIER
It is often difficult to provide a high quality oscillator with an
output in the frequency range of 100 MHz – 200 MHz. The
AD9857 allows the use of a lower-frequency oscillator that can
be multiplied to a higher frequency by the on-board reference
clock multiplier, implemented with a phase locked loop
architecture. See the Ease of Use Features section for a more
thorough discussion of the reference clock multiplier feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com