Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6318 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S6318
Description  Electromechanical Relay Switches Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6318 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S6318 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Data
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0
4
8
12
16
20
24
28
32
36
40
Freq (GHz)
Insertion Loss
PORT 1
PORT 2
PORT 3
PORT 4
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
0
4
8
12
16
20
24
28
32
36
40
Freq (GHz)
VSWR
PORT 1
PORT 2
PORT 3
PORT 4
PE71S6318 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP4T Electromechanical Relay Latching Switch DC to 40 GHz, 2.92mm, 3 Watts, 28V Control,
Self Cut Off, Diodes PE71S6318
SP4T Electromechanical Relay Latching Switch DC to 40 GHz,
2.92mm, 3 Watts, 28V Control, Self Cut Off, Diodes
Electromechanical Relay Switches Technical Data
PE71S6318



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com