Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6318 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6318
Description  Electromechanical Relay Switches Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6318 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6318 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• SP4T Absorptive Switch
• DC to 40 GHz Operating Frequency Range
• 1 M Cycles min
Applications
• Test & Measurement
• Military Communication
• Commercial Communication
• Wireless Communications
• SATCOM
• Military Electronic Systems
• RF Test Stations
.
Description
The PE71S6318 is a SINGLE POLE FOUR THROW (SP4T) 50 OHM TERMINATED RF COAXIAL RELAY SWITCH that
operates from DC to 40 GHz and can handle up to 3 Watts of CW input power at 40 GHz in a Break Before Make condition.
The design features a Latching Actuator with suppression diodes and self cut-off circuitry, and is rated for 1M Life Cycles.
Insertion Loss is specified from 0.2 dB max and Isolation from 70 dB min, with +28 Vdc operating voltage. Performance is
guaranteed over -35°C to +85°C. The package interface uses solder terminals and 2.92 mm female connectors.
Electrical Specifications
Switch Type
SP4T, Absorptive
Actuator Type
Latching
Switching Sequence
Break Before Make
Actuator Options
Self Cut Off, Diodes
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
Impedance
50
Ohms
Operating Voltage
28
Volts
Actuating Current @ 28 Volts
300
mA
VSWR
2:1
Insertion Loss
1
dB
Isolation
50
dB
Input Power (CW)
3
Watts
(40 GHz)
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP4T Electromechanical Relay Latching Switch DC to 40 GHz, 2.92mm, 3 Watts, 28V Control,
Self Cut Off, Diodes PE71S6318
PE71S6318 REV 1.1
SP4T Electromechanical Relay Latching Switch DC to 40 GHz,
2.92mm, 3 Watts, 28V Control, Self Cut Off, Diodes
Electromechanical Relay Switches Technical Data Sheet
PE71S6318


Similar Part No. - PE71S6318

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6310 PASTERNACK-PE71S6310 Datasheet
458Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6313 PASTERNACK-PE71S6313 Datasheet
483Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz,SMA, 20 Watts, 12V Control with Self Cut Off
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
More results

Similar Description - PE71S6318

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6165 PASTERNACK-PE71S6165 Datasheet
500Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6296 PASTERNACK-PE71S6296 Datasheet
496Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6319 PASTERNACK-PE71S6319 Datasheet
530Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6320 PASTERNACK-PE71S6320 Datasheet
516Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6332 PASTERNACK-PE71S6332 Datasheet
803Kb / 10P
Electromechanical Relay Switches Technical Data Sheet
PE71S6334 PASTERNACK-PE71S6334 Datasheet
803Kb / 10P
Electromechanical Relay Switches Technical Data Sheet
PE71S6343 PASTERNACK-PE71S6343 Datasheet
530Kb / 9P
Electromechanical Relay Switches Technical Data Sheet
PE71S6345 PASTERNACK-PE71S6345 Datasheet
530Kb / 9P
Electromechanical Relay Switches Technical Data Sheet
PE71S6346 PASTERNACK-PE71S6346 Datasheet
530Kb / 9P
Electromechanical Relay Switches Technical Data Sheet
PE71S6349 PASTERNACK-PE71S6349 Datasheet
790Kb / 8P
Electromechanical Relay Switches Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com