Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6318 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S6318
Description  Electromechanical Relay Switches Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6318 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S6318 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6318 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
-140
-120
-100
-80
-60
-40
-20
0
0
4
8
12
16
20
24
28
32
36
40
Freq (GHz)
Isolation
PORT 1
PORT 2
PORT 3
PORT 4
SP4T Electromechanical Relay Latching Switch DC to 40 GHz, 2.92mm, 3 Watts, 28V Control, Self Cut Off, Diodes from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP4T Electromechanical Relay Latching Switch DC to 40 GHz, 2.92mm, 3 Watts, 28V Control,
Self Cut Off, Diodes PE71S6318
URL:
http://www.pasternack.com/2.92mm-sp4t-electromechanical-relay-latching-switch-self-cut-off-diodes-pe71s6318-p.
aspx
PE71S6318 REV 1.1
SP4T Electromechanical Relay Latching Switch DC to 40 GHz,
2.92mm, 3 Watts, 28V Control, Self Cut Off, Diodes
Electromechanical Relay Switches Technical Data
PE71S6318



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com