Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6141CSX Datasheet(PDF) 9 Page - ON Semiconductor

Part # FMS6141CSX
Description  Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6141CSX Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FMS6141CSX Datasheet HTML 3Page - ON Semiconductor FMS6141CSX Datasheet HTML 4Page - ON Semiconductor FMS6141CSX Datasheet HTML 5Page - ON Semiconductor FMS6141CSX Datasheet HTML 6Page - ON Semiconductor FMS6141CSX Datasheet HTML 7Page - ON Semiconductor FMS6141CSX Datasheet HTML 8Page - ON Semiconductor FMS6141CSX Datasheet HTML 9Page - ON Semiconductor FMS6141CSX Datasheet HTML 10Page - ON Semiconductor FMS6141CSX Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.onsemi.com
9
Physical Dimensions
8°
0°
SEE DETAIL A
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AA, ISSUE C,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
D) LANDPATTERN STANDARD: SOIC127P600X175-8M.
E) DRAWING FILENAME: M08AREV13
LAND PATTERN RECOMMENDATION
SEATING PLANE
0.10 C
C
GAGE PLANE
x 45°
DETAIL A
SCALE: 2:1
PIN ONE
INDICATOR
4
8
1
C
M
B A
0.25
B
5
A
5.60
0.65
1.75
1.27
6.20
5.80
3.81
4.00
3.80
5.00
4.80
(0.33)
1.27
0.51
0.33
0.25
0.10
1.75 MAX
0.25
0.19
0.36
0.50
0.25
R0.10
R0.10
0.90
0.406
(1.04)
OPTION A - BEVEL EDGE
OPTION B - NO BEVEL EDGE
Figure 12. SOIC-8 Package
Package drawings are provided as a service to customers considering ON Semiconductor components. Drawings may change
in any manner without notice. Please note the revision and/or date on the drawing and contact an ON Semiconductor
representative to verify or obtain the most recent revision. Package specifications do not expand the terms of ON
Semiconductor’s worldwide terms and conditions, specifically the warranty therein, which covers ON Semiconductor
products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com