Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6141CSX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FMS6141CSX
Description  Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6141CSX Datasheet(HTML) 3 Page - ON Semiconductor

  FMS6141CSX Datasheet HTML 1Page - ON Semiconductor FMS6141CSX Datasheet HTML 2Page - ON Semiconductor FMS6141CSX Datasheet HTML 3Page - ON Semiconductor FMS6141CSX Datasheet HTML 4Page - ON Semiconductor FMS6141CSX Datasheet HTML 5Page - ON Semiconductor FMS6141CSX Datasheet HTML 6Page - ON Semiconductor FMS6141CSX Datasheet HTML 7Page - ON Semiconductor FMS6141CSX Datasheet HTML 8Page - ON Semiconductor FMS6141CSX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.onsemi.com
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
DC Supply Voltage
-0.3
6.0
V
VIO
Analog and Digital I/O
-0.3
VCC +0.3
V
IOUT
Output Current, Do Not Exceed
50
mA
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
-40
85
°C
VCC
VCC Range
4.75
5.00
5.25
V
ESD Information
Symbol
Parameter
Value
Unit
ESD
Human Body Model, JESD22-A114
8.0
kV
Charged Device Model, JESD22-C101
1.5
kV
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
TL
Lead Temperature (Soldering, 10 s)
300
°C
Θ
JA
Thermal Resistance
(JEDEC Standard Multi-Layer Test Boards, Still Air)
SOIC-8
115
°C/W
SC70-5
332
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com