Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6141CSX Datasheet(PDF) 4 Page - ON Semiconductor

Part # FMS6141CSX
Description  Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6141CSX Datasheet(HTML) 4 Page - ON Semiconductor

  FMS6141CSX Datasheet HTML 1Page - ON Semiconductor FMS6141CSX Datasheet HTML 2Page - ON Semiconductor FMS6141CSX Datasheet HTML 3Page - ON Semiconductor FMS6141CSX Datasheet HTML 4Page - ON Semiconductor FMS6141CSX Datasheet HTML 5Page - ON Semiconductor FMS6141CSX Datasheet HTML 6Page - ON Semiconductor FMS6141CSX Datasheet HTML 7Page - ON Semiconductor FMS6141CSX Datasheet HTML 8Page - ON Semiconductor FMS6141CSX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.onsemi.com
4
DC Specifications
TA = 25°C, VCC = 5.0 V, RS = 37.5 Ω; input is AC coupled w ith 0.1 µF; output is AC coupled w ith 220 µF into a 150 Ω load;
unless otherw ise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply Current
(1)
No Load
7
12
mA
VIN
Video Input Voltage Range
Referenced to GND if DC-Coupled
1.4
Vpp
PSRR
Pow er Supply Rejection Ratio
DC
40
dB
Note:
1.
100% tested at 25°C
AC Electrical Specifications
TA = 25°C, VCC = 5.0 V, RS = 37.5 Ω; input is AC coupled w ith 0.1 µF; output is AC coupled w ith 220 µF into a 150 Ω load;
unless otherw ise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
AV
Channel Gain
(2)
5.6
6.0
6.4
dB
f1dB
-1dB Bandw idth
(2)
4.0
6.5
MHz
fC
-3dB Bandw idth
7.7
MHz
fSB
Attenuation (Stopband Reject)
f = 27 MHz
42
dB
dG
Differential Gain
0.4
%
d
φ
Differential Phase
0.4
°
THD
Output Distortion (all channels)
VOUT = 1.8 Vpp, 1 MHz
0.4
%
SNR
Signal-to-Noise Ratio
NTC-7 Weighting; 100 kHz to
4.2 MHz
75
dB
tpd
Propagation Delay
Delay from input to output,
4.5 MHz
55
ns
Note:
2.
100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com