Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6363CS Datasheet(PDF) 5 Page - ON Semiconductor

Part # FMS6363CS
Description  Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6363CS Datasheet(HTML) 5 Page - ON Semiconductor

  FMS6363CS Datasheet HTML 1Page - ON Semiconductor FMS6363CS Datasheet HTML 2Page - ON Semiconductor FMS6363CS Datasheet HTML 3Page - ON Semiconductor FMS6363CS Datasheet HTML 4Page - ON Semiconductor FMS6363CS Datasheet HTML 5Page - ON Semiconductor FMS6363CS Datasheet HTML 6Page - ON Semiconductor FMS6363CS Datasheet HTML 7Page - ON Semiconductor FMS6363CS Datasheet HTML 8Page - ON Semiconductor FMS6363CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6363 • Rev. 1.0.4
4
Typical Performance Characteristics
TA=25°C, VCC=5V, RSOURCE=37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled with 220µF into150Ω
loads, referenced to 400kHz; unless otherwise noted.
12
400kH 20
80
100 120 140
60
40
Frequency (MHz)
6
0
-6
-12
-18
-24
-30
-36
-42
-48
Mkr Frequency
Gain
Ref 400kHz
6dB
1
28.847MHz -1dBBW
2
33.11MHz
-3dBBW
3
74.25MHz
-38.11dB
2
1
3
-20
15
400kH 10
90
Frequency (MHz)
10
5
0
-5
-10
-15
1
20
30
40
50
60
70
80
1 = 32MHz (10.32ns)
Figure 3. Frequency Response
Figure 4. Group Delay vs. Frequency
-20
-30
-40
-50
-60
-70
-80
0.1
1
10
30
-90
Frequency (MHz)
-30
-40
-50
-60
-70
-80
0.1
1
10
30
-90
Using 0.1
μFand 0.01μ 
F
BypassCapacitors as suggested
Frequency (MHz)
Figure 5. PSRR vs. Frequency; No Bypass Caps
Figure 6. PSRR vs. Frequency; Bypass Caps
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
25 50 75 100 125 150 175 200 225 250 275 300
0
Figure 7. SYNC Tip Compression vs. RSOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com