Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6363CS Datasheet(PDF) 4 Page - ON Semiconductor

Part # FMS6363CS
Description  Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6363CS Datasheet(HTML) 4 Page - ON Semiconductor

  FMS6363CS Datasheet HTML 1Page - ON Semiconductor FMS6363CS Datasheet HTML 2Page - ON Semiconductor FMS6363CS Datasheet HTML 3Page - ON Semiconductor FMS6363CS Datasheet HTML 4Page - ON Semiconductor FMS6363CS Datasheet HTML 5Page - ON Semiconductor FMS6363CS Datasheet HTML 6Page - ON Semiconductor FMS6363CS Datasheet HTML 7Page - ON Semiconductor FMS6363CS Datasheet HTML 8Page - ON Semiconductor FMS6363CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6363 • Rev. 1.0.4
3
DC Electrical Characteristics
TA=25°C, VCC=5V, RSOURCE=37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled with 220µF
into150
Ω loads, referenced to 400kHz; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
ICC
Supply Current
(1)
No Load
22
30
mA
VIN
Video Input Voltage Range
Referenced to GND, if DC-coupled
1.4
VPP
Note
:
1.
100% tested at 25°C.
AC Electrical Characteristics
TA=25°C, VIN=1VPP, VCC=5V, RSOURCE=37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled with 220µF
into150
Ω loads, referenced to 400kHz; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
AV
Channel Gain
(2)
All Channels
5.8
6.0
6.2
dB
f1dB
-1dB Bandwidth
(2)
All Channels
23
30
MHz
fC
-3dB Bandwidth
All Channels
30
33
MHz
fSB1
All Channels at f=37.125MHz
6.5
fSB2
All Channels at f=44.25MHz
14.5
fSB3
Attenuation, Stopband Reject
All Channels at f=74.25MHz
(2)
32
36
dB
THD1
VOUT=1.4VPP, 10MHz
0.2
THD2
VOUT=1.4VPP, 15MHz
0.4
THD3
Output Distortion, All Channels
(3)
VOUT=1.4VPP, 22MHz
1.2
%
XTALK
Crosstalk Channel-to-Channel
At 1MHz
-60
dB
SNR1
SNR2
Signal-to-Noise Ratio,
All Channels
(4)
Unweighed; 30MHz lowpass,
100KHz to 30HKz
65
dB
tpd
Propagation Delay
Delay from input to output
20
ns
Notes
:
2.
100% tested at 25°C.
3.
1.4VPP active video.
4.
SNR=20 • log (714mV/rms noise).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com